Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE359 Datasheet (PDF) - NTE Electronics

NTE359 Datasheet PDF - NTE Electronics
Part # NTE359
Download  NTE359 Download

File Size   72.22 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF & Microwave Transistor

NTE359 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE359 Datasheet PDF - NTE Electronics

Part # NTE359
Download  NTE359 Click to download

File Size   72.22 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF & Microwave Transistor

NTE359 Datasheet (HTML) - NTE Electronics

NTE359 Datasheet HTML 1Page - NTE Electronics NTE359 Datasheet HTML 2Page - NTE Electronics

NTE359 Product details

Description:
RF Power Transistor 20W − 175 MHz

Features:
    Specified 28 Volt, 175MHz Characteristics
        Output Power = 20 Watts
        Minimum Gain = 8.2dB
        Efficiency = 60%
    Characterized from 125 to 175MHz
    Includes Series Equivalent Impedances




Similar Part No. - NTE359

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE350 NTE-NTE350 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Amp, Driver
NTE350F NTE-NTE350F Datasheet
75Kb / 2P
   Silicon NPN Transistor RF Power AMP
NTE351 NTE-NTE351 Datasheet
19Kb / 2P
   Silicon NPN Transistor RF Power Amp, Driver
NTE352 NTE-NTE352 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In Bias 47k Resistors (Surface Mount)
NTE353 NTE-NTE353 Datasheet
20Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz
More results


Similar Description - NTE359

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MSC80917 ASI-MSC80917 Datasheet
78Kb / 1P
   NPN SILICON RF MICROWAVE TRANSISTOR
MS2608 ASI-MS2608 Datasheet
79Kb / 1P
   NPN SILICON RF MICROWAVE TRANSISTOR
MSC1004M ASI-MSC1004M Datasheet
40Kb / 1P
   NPN SILICON RF MICROWAVE TRANSISTOR
MRF5812 ASI-MRF5812 Datasheet
27Kb / 1P
   NPN SILICON RF MICROWAVE TRANSISTOR
TPR175 ASI-TPR175 Datasheet
23Kb / 1P
   NPN SILICON RF-MICROWAVE POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Advanced Semiconductor
NE64700 ASI-NE64700 Datasheet
18Kb / 1P
   NPN SILICON MICROWAVE TRANSISTOR
logo
Tyco Electronics
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1090MA MACOM-MRF1090MA Datasheet
127Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031_17 Datasheet
642Kb / 6P
   Microwave Power Silicon NPN Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com