Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC594A Datasheet (PDF) - NXP Semiconductors

74LVC594A Datasheet PDF - NXP Semiconductors
Part # 74LVC594A
Download  74LVC594A Download

File Size   108.15 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit shift register with output register

74LVC594A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC594A Datasheet PDF - NXP Semiconductors

Part # 74LVC594A
Download  74LVC594A Click to download

File Size   108.15 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit shift register with output register

74LVC594A Datasheet (HTML) - NXP Semiconductors

Back Button 74LVC594A Datasheet HTML 1Page - NXP Semiconductors 74LVC594A Datasheet HTML 2Page - NXP Semiconductors 74LVC594A Datasheet HTML 3Page - NXP Semiconductors 74LVC594A Datasheet HTML 4Page - NXP Semiconductors 74LVC594A Datasheet HTML 5Page - NXP Semiconductors 74LVC594A Datasheet HTML 6Page - NXP Semiconductors 74LVC594A Datasheet HTML 7Page - NXP Semiconductors 74LVC594A Datasheet HTML 8Page - NXP Semiconductors 74LVC594A Datasheet HTML 9Page - NXP Semiconductors 74LVC594A Datasheet HTML 10Page - NXP Semiconductors Next Button 

74LVC594A Product details

General description
The 74LVC594A is an 8-bit serial-in/serial or parallel-out shift register with a storage register. Separate clock and reset inputs are provided on both shift and storage registers.
The input can be driven from either 3.3 V or 5 V devices. This feature allows the use of this device in a mixed 3.3 V and 5 V environment.

Features
■ 5 V tolerant inputs/outputs for interfacing with 5 V logic
■ Wide supply voltage range from 1.2 V to 3.6 V
■ CMOS low-power consumption
■ Direct interface with TTL levels
■ Balanced propagation delays
■ All inputs have Schmitt-trigger action
■ Complies with JEDEC standard JESD8-B/JESD36
■ ESD protection:
  ◆ HBM JESD22-A114-D exceeds 2000 V
  ◆ CDM JESD22-C101-C exceeds 1000 V
■ Specified from−40°C to +85°C and−40°C to +125°C.

Applications
■Serial-to-parallel data conversion
■Remote control holding register




Similar Part No. - 74LVC594A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74LVC594ABQ NEXPERIA-74LVC594ABQ Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
74LVC594ABQ-Q100 NEXPERIA-74LVC594ABQ-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74LVC594AD NEXPERIA-74LVC594AD Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Similar Description - 74LVC594A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com