Manufacturer | Part # | Datasheet | Description |
Maxim Integrated Produc... |
MAX6652
|
165Kb / 12P |
Temperature Sensor and System Monitor in a 10-Pin UMAX
Rev 1; 8/01 |
Analog Devices |
AD7292
|
734Kb / 41P |
10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
|
Maxim Integrated Produc... |
MAX1153
|
481Kb / 29P |
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
|
MAX1153
|
474Kb / 30P |
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
Rev 1; 6/10 |
MAX6338
|
174Kb / 8P |
Quad Voltage Monitor in 關MAX Package
Rev 1; 7/01 |
MAX6687
|
138Kb / 7P |
Local/Remote Temperature Switches in a 關MAX Package
Rev 2; 11/03 |
National Semiconductor ... |
LM19
|
272Kb / 10P |
2.4V, 10關A, TO-92 Temperature Sensor
|
LM19
|
241Kb / 10P |
2.4V, 10關A, TO-92 Temperature Sensor
|
Maxim Integrated Produc... |
MAX5354
|
196Kb / 16P |
10-Bit Voltage-Output DACs in 8-Pin 關MAX
Rev 1; 2/97 |
MAX5304
|
405Kb / 12P |
10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99 |