Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML1XX14 Datasheet (PDF) - Mitsubishi Electric Semiconductor

ML1XX14 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # ML1XX14
Download  ML1XX14 Download

File Size   68.07 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FOR OPTICAL INFORMATION SYSTEM?

ML1XX14 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML1XX14 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # ML1XX14
Download  ML1XX14 Click to download

File Size   68.07 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FOR OPTICAL INFORMATION SYSTEM?

ML1XX14 Datasheet (HTML) - Mitsubishi Electric Semiconductor

ML1XX14 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML1XX14 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML1XX14 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML1XX14 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor ML1XX14 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor

ML1XX14 Product details

DESCRIPTION
ML1XX14 is a high power AlGaInP semiconductor laser which provides a stable, single transverse mode oscillation with emission wavelength of 660 nm and standard PULSE light output of 70mW.
ML1XX14 has a window-mirror-facet which improves the maximum output power. That leads to highly reliable and high-power operation.

FEATURES
• High Output Power: 50mW (CW) , 70mW (Pulse)
• Visible Light: 660nm (typ.)

APPLICATION
   High-Density Optical Disc Drives
   Rewritable DVD(Digital Versatile Disc) Drives




Similar Part No. - ML1XX14

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML1XX10 MITSUBISHI-ML1XX10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
More results


Similar Description - ML1XX14

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML1XX10 MITSUBISHI-ML1XX10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
ML1XX3 MITSUBISHI-ML1XX3 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEM?
ML6XX27 MITSUBISHI-ML6XX27 Datasheet
774Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML6XX25 MITSUBISHI-ML6XX25 Datasheet
87Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML4XX26 MITSUBISHI-ML4XX26 Datasheet
51Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX2 MITSUBISHI-ML1XX2 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX28 MITSUBISHI-ML6XX28 Datasheet
21Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX24 MITSUBISHI-ML6XX24 Datasheet
209Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML1XX8 MITSUBISHI-ML1XX8 Datasheet
47Kb / 3P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX16 MITSUBISHI-ML6XX16 Datasheet
34Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com