Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB521S-30C2 Datasheet (PDF) - Cystech Electonics Corp.

RB521S-30C2 Datasheet PDF - Cystech Electonics Corp.
Part # RB521S-30C2
Download  RB521S-30C2 Download

File Size   144.97 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Small Signal Schottky diode

RB521S-30C2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB521S-30C2 Datasheet PDF - Cystech Electonics Corp.

Part # RB521S-30C2
Download  RB521S-30C2 Click to download

File Size   144.97 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Small Signal Schottky diode

RB521S-30C2 Datasheet (HTML) - Cystech Electonics Corp.

RB521S-30C2 Datasheet HTML 1Page - Cystech Electonics Corp. RB521S-30C2 Datasheet HTML 2Page - Cystech Electonics Corp. RB521S-30C2 Datasheet HTML 3Page - Cystech Electonics Corp.

RB521S-30C2 Product details

Description
Planar silicon Schottky barrier diode encapsulated in a SOD-523 plastic SMD package.

Features
• Extremely small surface mounting type.(SC-79/SOD523)
• IO=200mA guaranteed despite the size.
• Low VF.(VF=0.4V typ. at 200mA)

Applications
   Low current rectification and high speed switching




Similar Part No. - RB521S-30C2

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
RB521S-30 GWSEMI-RB521S-30 Datasheet
250Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Rohm
RB521S-30 ROHM-RB521S-30 Datasheet
34Kb / 3P
   Schottky barrier diode
logo
List of Unclassifed Man...
RB521S-30 ETC2-RB521S-30 Datasheet
268Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Yea Shin Technology Co....
RB521S-30 YEASHIN-RB521S-30 Datasheet
747Kb / 3P
   Schottky Barrier Diode DEVICE MARKING CODES
logo
TRANSYS Electronics Lim...
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
More results


Similar Description - RB521S-30C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com