Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK10C68-5LF25 Datasheet (PDF) - Simtek Corporation

STK10C68-5LF25 Datasheet PDF - Simtek Corporation
Part # STK10C68-5LF25
Download  STK10C68-5LF25 Download

File Size   468.8 Kbytes
Page   12 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description 8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM

STK10C68-5LF25 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK10C68-5LF25 Datasheet PDF - Simtek Corporation

Part # STK10C68-5LF25
Download  STK10C68-5LF25 Click to download

File Size   468.8 Kbytes
Page   12 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description 8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM

STK10C68-5LF25 Datasheet (HTML) - Simtek Corporation

Back Button STK10C68-5LF25 Datasheet HTML 1Page - Simtek Corporation STK10C68-5LF25 Datasheet HTML 2Page - Simtek Corporation STK10C68-5LF25 Datasheet HTML 3Page - Simtek Corporation STK10C68-5LF25 Datasheet HTML 4Page - Simtek Corporation STK10C68-5LF25 Datasheet HTML 5Page - Simtek Corporation STK10C68-5LF25 Datasheet HTML 6Page - Simtek Corporation STK10C68-5LF25 Datasheet HTML 7Page - Simtek Corporation STK10C68-5LF25 Datasheet HTML 8Page - Simtek Corporation STK10C68-5LF25 Datasheet HTML 9Page - Simtek Corporation STK10C68-5LF25 Datasheet HTML 10Page - Simtek Corporation Next Button 

STK10C68-5LF25 Product details

DESCRIPTION
The Simtek STK10C68 is a fast static RAMwith a nonvolatile element incorporated in each static memory cell. The SRAMcan be read and written an unlimited number of times, while independent nonvolatile data resides in Nonvolatile Elements.

FEATURES
• 25ns, 35ns, 45ns and 55ns Access Times
• STOREto Nonvolatile Elements Initiated by Hardware
• RECALLto SRAM Initiated by Hardware or Power Restore
• Automatic STORETiming
• 10mA Typical ICC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALLCycles
• 1,000,000 STORECycles to Nonvolatile Elements (Industrial/Commercial)
• 100-Year Data Retention (Industrial/Commercial)
• Commercial, Industrial and Military Tempera tures
• 28-Pin DIP, SOIC and LCC Packages




Similar Part No. - STK10C68-5LF25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK10C68-5LF25 ETC1-STK10C68-5LF25 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68-5LF25I ETC1-STK10C68-5LF25I Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68-5LF25M ETC1-STK10C68-5LF25M Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Similar Description - STK10C68-5LF25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com