Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3984 Datasheet (PDF) - Maxim Integrated Products

MAX3984 Datasheet PDF - Maxim Integrated Products
Part # MAX3984
Download  MAX3984 Download

File Size   622.99 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Gbps to 10Gbps Preemphasis Driver with Receive Equalizer

MAX3984 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3984 Datasheet PDF - Maxim Integrated Products

Part # MAX3984
Download  MAX3984 Click to download

File Size   622.99 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Gbps to 10Gbps Preemphasis Driver with Receive Equalizer

MAX3984 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX3984 Datasheet HTML 1Page - Maxim Integrated Products MAX3984 Datasheet HTML 2Page - Maxim Integrated Products MAX3984 Datasheet HTML 3Page - Maxim Integrated Products MAX3984 Datasheet HTML 4Page - Maxim Integrated Products MAX3984 Datasheet HTML 5Page - Maxim Integrated Products MAX3984 Datasheet HTML 6Page - Maxim Integrated Products MAX3984 Datasheet HTML 7Page - Maxim Integrated Products MAX3984 Datasheet HTML 8Page - Maxim Integrated Products MAX3984 Datasheet HTML 9Page - Maxim Integrated Products MAX3984 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX3984 Product details

General Description

The MAX3984 is a single-channel, preemphasis driver with input equalization that operates from 1Gbps to 10.3Gbps. It provides compensation for copper links, such as 8.5Gbps Fibre Channel and 10.3Gbps Ethernet, allowing spans of up to 10m with 24 AWG cable. The driver provides four selectable preemphasis levels, and the selectable input equalizer compensates for up to 10in of FR-4 circuit board material at 10Gbps.



Features

♦Drives Up to 10m of 24 AWG Cable

♦Drives Up to 30in of FR-4

♦Selectable 1000mVP-Por 1200mVP-PDifferential Output Swing

♦Selectable Output Preemphasis

♦Selectable Input Equalization

♦LOS Detection with Built-In Squelch

♦Transmit Disable

♦Hot Pluggable



Applications

8.5Gbps Fibre Channel

10.3Gbps Ethernet

Active Cable Assemblies

STM-64




Similar Part No. - MAX3984

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX398-MAX399 MAXIM-MAX398-MAX399 Datasheet
101Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX3980 MAXIM-MAX3980 Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3980UGH MAXIM-MAX3980UGH Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3980UTH++ MAXIM-MAX3980UTH+ Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
More results


Similar Description - MAX3984

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
EQ50F100 TI1-EQ50F100 Datasheet
5Mb / 18P
[Old version datasheet]   1Gbps - 6.25 Gbps Backplane Equalizer
logo
Maxim Integrated Produc...
MAX3787 MAXIM-MAX3787 Datasheet
2Mb / 15P
   1Gbps to 12.5Gbps Passive Equalizer for Backplanes and Cables
Rev 2; 2/08
MAX3992 MAXIM-MAX3992 Datasheet
271Kb / 12P
   10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
MAX3805 MAXIM-MAX3805 Datasheet
301Kb / 10P
   10.7Gbps Adaptive Receive Equalizer
19-2936; Rev 0; 7/03
MAX3804 MAXIM-MAX3804 Datasheet
1Mb / 9P
   12.5Gbps Settable Receive Equalizer
19-2713; Rev 1; 11/03
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
logo
ON Semiconductor
NB7VQ1006M ONSEMI-NB7VQ1006M_16 Datasheet
1Mb / 11P
   1.8V/2.5V 10Gbps Equalizer Receiver
August, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3946 MAXIM-MAX3946_11 Datasheet
2Mb / 29P
   1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 1; 5/11
MAX3982 MAXIM-MAX3982 Datasheet
1Mb / 15P
   SFP Copper-Cable Preemphasis Driver
Rev 0; 8/04
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com