Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDR730E Datasheet (PDF) - KEC(Korea Electronics)

KDR730E Datasheet PDF - KEC(Korea Electronics)
Part # KDR730E
Download  KDR730E Download

File Size   410.97 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description White LED Step-Up Converter

KDR730E Datasheet (PDF)

Go To PDF Page Download Datasheet
KDR730E Datasheet PDF - KEC(Korea Electronics)

Part # KDR730E
Download  KDR730E Click to download

File Size   410.97 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description White LED Step-Up Converter

KDR730E Datasheet (HTML) - KEC(Korea Electronics)

KDR730E Datasheet HTML 1Page - KEC(Korea Electronics) KDR730E Datasheet HTML 2Page - KEC(Korea Electronics) KDR730E Datasheet HTML 3Page - KEC(Korea Electronics) KDR730E Datasheet HTML 4Page - KEC(Korea Electronics) KDR730E Datasheet HTML 5Page - KEC(Korea Electronics) KDR730E Datasheet HTML 6Page - KEC(Korea Electronics) KDR730E Datasheet HTML 7Page - KEC(Korea Electronics)

KDR730E Product details

White LED Step-Up Converter

The KAB3403T/DN is a monolithic step-up DC/DC converter specifically designed to drive white LEDs with a constant current from Li-ion cell. Relative large 320mV feedback voltage & it s high accuracy help you setting LED current with a external resistor.
KAB3403T/DN is available in a extremely low profile & small TS-6 package.
A 10H inductor is sufficient for most application.

FEATURES
• Inherently Matched LED Current.
• High Efficiency : 87% (max.)
• Built in a open circuits protection for the LEDs fail.
• Drives Up to Five LEDs
• Built in a N-channel MOSFET Switch.
• Fast 1.1MHz(typ.) Switching Frequency.
• Wide Dimming control range : 12%~100%.
• Automatic Soft-Start
• Bulit in OVD (Over voltage protection.)
• Extremely low height & small Packaging.

APPLICATIONS
• Celluar Phones
• Smart Phones
• PDAs
• Digital Cameras
• MP3 Players, Color Displays




Similar Part No. - KDR730E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR730E KEC-KDR730E Datasheet
362Kb / 1P
   ESC PACKAGE
KDR730E KEC-KDR730E_15 Datasheet
530Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Similar Description - KDR730E

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
AP3031 BCDSEMI-AP3031 Datasheet
340Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com