Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KHB9D5N20P1 Datasheet (PDF) - KEC(Korea Electronics)

KHB9D5N20P1 Datasheet PDF - KEC(Korea Electronics)
Part # KHB9D5N20P1
Download  KHB9D5N20P1 Download

File Size   499.88 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL MOS FIELD EFFECT TRANSISTOR

KHB9D5N20P1 Datasheet (PDF)

Go To PDF Page Download Datasheet
KHB9D5N20P1 Datasheet PDF - KEC(Korea Electronics)

Part # KHB9D5N20P1
Download  KHB9D5N20P1 Click to download

File Size   499.88 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL MOS FIELD EFFECT TRANSISTOR

KHB9D5N20P1 Datasheet (HTML) - KEC(Korea Electronics)

KHB9D5N20P1 Datasheet HTML 1Page - KEC(Korea Electronics) KHB9D5N20P1 Datasheet HTML 2Page - KEC(Korea Electronics) KHB9D5N20P1 Datasheet HTML 3Page - KEC(Korea Electronics) KHB9D5N20P1 Datasheet HTML 4Page - KEC(Korea Electronics) KHB9D5N20P1 Datasheet HTML 5Page - KEC(Korea Electronics) KHB9D5N20P1 Datasheet HTML 6Page - KEC(Korea Electronics) KHB9D5N20P1 Datasheet HTML 7Page - KEC(Korea Electronics)

KHB9D5N20P1 Product details

General Description
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for electronic ballast and switch mode power supplies.

FEATURES
• VDSS=200V, ID=9.5A
• Drain-Source ON Resistance
   : RDS(ON)=400m @VGS = 10V
• Qg(typ.)=18.5nC




Similar Part No. - KHB9D5N20P1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
KHB9D5N20F VBSEMI-KHB9D5N20F Datasheet
2Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Similar Description - KHB9D5N20P1

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com