Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SC6093
(1)
2SC6094
(1)
2SC6095
(1)
2SC6096
(1)
2SC6097
(1)
2SC6099
(1)
2SC6095 - NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications - Sanyo Semicon Device
Click Here View
2SC6095
Datasheet
Part No.
2SC6095
Description
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
Download
2SC6095
Click here
to View
File Size
43.65 Kbytes / 4 Pages
Maker
SANYO [Sanyo Semicon Device]
Homepage
www.semic.sanyo.co.jp/english/index-e.html
Related Electronics Part Number
Part Number
Components Description
Manufacturer
CPH3248
NPN
Epitaxial
Planar
Silicon
Transistor
High-Voltage
Switching
Applications
Sanyo Semicon Device
2SC6071
NPN
Epitaxial
Planar
Silicon
Transistor
High-Current
Switching
Applications
Sanyo Semicon Device
CPH3246
NPN
Epitaxial
Planar
Silicon
Transistor
High-Current
Switching
Applications
Sanyo Semicon Device
CPH3247
NPN
Epitaxial
Planar
Silicon
Transistor
High-Current
Switching
Applications
Sanyo Semicon Device
2SC6094
NPN
Epitaxial
Planar
Silicon
Transistor
High-Current
Switching
Applications
Sanyo Semicon Device
2SC5979
NPN
Epitaxial
Planar
Silicon
Transistor
High-Current
Switching
Applications
Sanyo Semicon Device
2SA2179
PNP
Epitaxial
Planar
Silicon
Transistor
50V
/
13A
High-Speed
Switching
Applications
Sanyo Semicon Device
2SC6081
NPN
Epitaxial
Planar
Silicon
Transistor
50V
/
5A
High-Speed
Switching
Sanyo Semicon Device
2SA2207
PNP
Epitaxial
Planar
Silicon
Transistor
50V
/
13A
High-Speed
Switching
Applications
Sanyo Semicon Device
CPH6002
NPN
Epitaxial
Planar
Silicon
Transistor
High-Frequency
Medium-Power
Amplifier
Applications
Sanyo Semicon Device
Link URL :
Related keyword
2SC6095 Datasheet
2SC6095 Cross Reference
2SC6095 Schematic
2SC6095 Distributor
2SC6095 Datenblatt
2SC6095 RoHS
2SC6095 Equivalent
2SC6095 Application Notes
2SC6095 Data Sheet
2SC6095 components
2SC6095 Fiche Technique
2SC6095 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer