Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH5856 Datasheet (PDF) - Sanyo Semicon Device

CPH5856 Datasheet PDF - Sanyo Semicon Device
Part # CPH5856
Download  CPH5856 Download

File Size   71.23 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device

CPH5856 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPH5856 Datasheet PDF - Sanyo Semicon Device

Part # CPH5856
Download  CPH5856 Click to download

File Size   71.23 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device

CPH5856 Datasheet (HTML) - Sanyo Semicon Device

CPH5856 Datasheet HTML 1Page - Sanyo Semicon Device CPH5856 Datasheet HTML 2Page - Sanyo Semicon Device CPH5856 Datasheet HTML 3Page - Sanyo Semicon Device CPH5856 Datasheet HTML 4Page - Sanyo Semicon Device CPH5856 Datasheet HTML 5Page - Sanyo Semicon Device CPH5856 Datasheet HTML 6Page - Sanyo Semicon Device

CPH5856 Product details

MOSFET : N-Channel Silicon MOSFET
SBD : Schottky Barrier Diode

Features
• Composite type with a N-channel sillicon MOSFET and a schottky barrier diode contained in one package facilitating high-density mounting.
[MOSFET]
   • 1.8V drive.
[SBD]
   • Short reverse recovery time.
   • Low forward voltage.
   • Junction temperature 150°C guarantee.

Applications
• DC / DC converters.




Similar Part No. - CPH5856

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5852 SANYO-CPH5852 Datasheet
56Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
CPH5854 SANYO-CPH5854 Datasheet
55Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5855 SANYO-CPH5855 Datasheet
69Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5857 SANYO-CPH5857 Datasheet
72Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results


Similar Description - CPH5856

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VEC2820 SANYO-VEC2820 Datasheet
67Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5826 SANYO-CPH5826 Datasheet
50Kb / 5P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5863 SANYO-CPH5863 Datasheet
65Kb / 5P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2808 SANYO-SCH2808 Datasheet
48Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2816 SANYO-SCH2816_07 Datasheet
50Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2819 SANYO-SCH2819 Datasheet
48Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2814 SANYO-VEC2814 Datasheet
54Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5847 SANYO-CPH5847 Datasheet
49Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5855 SANYO-CPH5855 Datasheet
69Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2817 SANYO-SCH2817_07 Datasheet
50Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com