Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9230D5TAEYYX Datasheet (PDF) - Integrated Device Technology

STAC9230D5TAEYYX Datasheet PDF - Integrated Device Technology
Part # STAC9230D5TAEYYX
Download  STAC9230D5TAEYYX Download

File Size   1949.2 Kbytes
Page   237 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 8-CHANNEL HIGH DEFINITION AUDIO CODEC

STAC9230D5TAEYYX Datasheet (PDF)

Go To PDF Page Download Datasheet
STAC9230D5TAEYYX Datasheet PDF - Integrated Device Technology

Part # STAC9230D5TAEYYX
Download  STAC9230D5TAEYYX Click to download

File Size   1949.2 Kbytes
Page   237 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 8-CHANNEL HIGH DEFINITION AUDIO CODEC

STAC9230D5TAEYYX Datasheet (HTML) - Integrated Device Technology

Back Button STAC9230D5TAEYYX Datasheet HTML 1Page - Integrated Device Technology STAC9230D5TAEYYX Datasheet HTML 2Page - Integrated Device Technology STAC9230D5TAEYYX Datasheet HTML 3Page - Integrated Device Technology STAC9230D5TAEYYX Datasheet HTML 4Page - Integrated Device Technology STAC9230D5TAEYYX Datasheet HTML 5Page - Integrated Device Technology STAC9230D5TAEYYX Datasheet HTML 6Page - Integrated Device Technology STAC9230D5TAEYYX Datasheet HTML 7Page - Integrated Device Technology STAC9230D5TAEYYX Datasheet HTML 8Page - Integrated Device Technology STAC9230D5TAEYYX Datasheet HTML 9Page - Integrated Device Technology STAC9230D5TAEYYX Datasheet HTML 10Page - Integrated Device Technology Next Button 

STAC9230D5TAEYYX Product details

Description
The STAC9227/9228/9229/9230 are a family of Theater Quality 8-channel audio CODECs that enable systems with 7.1 audio or 5.1 audio playing simultaneously with VoIP or another stereo audio stream. SigmaTels proprietary Σ∆ technology provides high fidelity with an estimated DAC SNR up to 105dB. Up to four digital microphones are supported enabling high quality voice input for increased usability of voice applications.

Features
• High performance HD Audio CODEC provides Theater Quality Audio
• High performance Σ∆ technology
   • 105dB DAC SNR
   • 90dB ADC SNR
• Four Stereo DACs and three stereo ADCs
   • Supports 7.1 audio or 5.1 audio with simultaneous Real Time Communication (RTC) channel such as VoIP or separate stereo audio stream
• 24-bit resolution with up to 192 KHz sample rates
• Digital Microphone Interface
   • Direct interface up to four Digital Microphones
• Analog Stereo Microphone
   • Microphone Boost 0, 10, 20, 30, 40dB
   • Six adjustable Vref outputs for microphone bias
• Integrated Headphone Amps (3).
• S/PDIF In and Out
• ADAT® Optical “Lightpipe” Output Support
• Volume Up/Down Control
• Jack Insertion Detect and Impedance Sensing Supports Jack Retasking and Universal Jacks
• Digital PC Beep to all outputs
• +3.3 V to +5 V analog power supply options
• Environmental 48-pin LQFP package option




Similar Part No. - STAC9230D5TAEYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Similar Description - STAC9230D5TAEYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220 IDT-STAC9220 Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9271 IDT-STAC9271 Datasheet
1Mb / 223P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC663 REALTEK-ALC663 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com