Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

92HD700 Datasheet (PDF) - Integrated Device Technology

92HD700 Datasheet PDF - Integrated Device Technology
Part # 92HD700
Download  92HD700 Download

File Size   1454.97 Kbytes
Page   181 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 10-CHANNEL HIGH DEFINITION AUDIO CODEC

92HD700 Datasheet (PDF)

Go To PDF Page Download Datasheet
92HD700 Datasheet PDF - Integrated Device Technology

Part # 92HD700
Download  92HD700 Click to download

File Size   1454.97 Kbytes
Page   181 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 10-CHANNEL HIGH DEFINITION AUDIO CODEC

92HD700 Datasheet (HTML) - Integrated Device Technology

Back Button 92HD700 Datasheet HTML 1Page - Integrated Device Technology 92HD700 Datasheet HTML 2Page - Integrated Device Technology 92HD700 Datasheet HTML 3Page - Integrated Device Technology 92HD700 Datasheet HTML 4Page - Integrated Device Technology 92HD700 Datasheet HTML 5Page - Integrated Device Technology 92HD700 Datasheet HTML 6Page - Integrated Device Technology 92HD700 Datasheet HTML 7Page - Integrated Device Technology 92HD700 Datasheet HTML 8Page - Integrated Device Technology 92HD700 Datasheet HTML 9Page - Integrated Device Technology 92HD700 Datasheet HTML 10Page - Integrated Device Technology Next Button 

92HD700 Product details

Description
The 92HD700 is a Theater Quality 10-channel audio CODEC that enables systems with 7.1 audio playing simultaneously with VoIP or another stereo audio stream.
IDTs proprietary SD technology provides high fidelity with a DAC SNR of 95dB.

Features
• High performance HD Audio CODEC provides Theater Quality Audio
• Targeted for designs meeting Premium Windows Logo Program
• High performance SD technology
    • 95dB DAC SNR
    • 90dB ADC SNR
• Five stereo DACs and two stereo ADCs
    • Supports 7.1 Audio with simultaneous Real Time Communication (RTC) channel such as VoIP or separate stereo audio stream
• 24-bit resolution with up to 192 KHz sample rates
• Analog Stereo Microphone
    • Microphone Boost 0, 10, 20, 30, 40dB
    • Six adjustable Vref outputs for microphone bias
• Integrated Headphone Amps (3)
• S/PDIF In and Out
• Volume Up/Down Control
• Jack Insertion Detect and Impedance Sensing supports Jack Retasking and Universal Jacks™
• Digital PC Beep to all outputs
• +5 V Analog Power Supply
• Environmental 48-pin LQFP Package




Similar Part No. - 92HD700

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD71B5 IDT-92HD71B5 Datasheet
2Mb / 216P
   4-CHANNEL HD AUDIO CODEC OPTIMIZED FOR LOW POWER
92HD71B7 IDT-92HD71B7 Datasheet
2Mb / 216P
   4-CHANNEL HD AUDIO CODEC OPTIMIZED FOR LOW POWER
92HD71B8 IDT-92HD71B8 Datasheet
2Mb / 216P
   4-CHANNEL HD AUDIO CODEC OPTIMIZED FOR LOW POWER
More results


Similar Description - 92HD700

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9271 IDT-STAC9271 Datasheet
1Mb / 223P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Integrated Device Techn...
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC663 REALTEK-ALC663 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Cirrus Logic
WM8860 CIRRUS-WM8860 Datasheet
3Mb / 188P
   Multi-channel High Definition Audio CODEC
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com