Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM73488 Datasheet (PDF) - PMC-Sierra, Inc

PM73488 Datasheet PDF - PMC-Sierra, Inc
Part # PM73488
Download  PM73488 Download

File Size   69.32 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 5 Gbit/s ATM Switch Fabric Element

PM73488 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM73488 Datasheet PDF - PMC-Sierra, Inc

Part # PM73488
Download  PM73488 Click to download

File Size   69.32 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 5 Gbit/s ATM Switch Fabric Element

PM73488 Datasheet (HTML) - PMC-Sierra, Inc

PM73488 Datasheet HTML 1Page - PMC-Sierra, Inc PM73488 Datasheet HTML 2Page - PMC-Sierra, Inc PM73488 Datasheet HTML 3Page - PMC-Sierra, Inc PM73488 Datasheet HTML 4Page - PMC-Sierra, Inc

PM73488 Product details

DESCRIPTION
The PM73488 (QSE) is an advanced communications device that enables the implementation of high performance switching systems. The QSE is a 32 × 32 cell based switch element, with a total sustainable bandwidth of 5 Gb/s. (The peak, or raw, bandwidth is much more than that: about 8 Gb/s). The QSE is designed to be used with other QSE’s as part of a larger switch fabric. Various QSE combinations allow fabrics with theoretical peak capacities ranging from 5 Gb/s (one QSE) to 160 Gb/s. The QSE is not ATM specific; however, should the QSE be used for switching ATM cells, the QSE cell size is large enough to allow efficient direct mapping between QSE Cells and ATM cells.

FEATURES
Switching Algorithm
• Supports blocking resolution in the switch fabric.
• Guarantees a lower bound on switch performance using a patented randomization algorithm called Evil Twin Switching.
• Determines routes using specified bits in the header (self-routing switch fabric) for unicast traffic.
• Determines output groupings using a lookup table for multicast traffic.
• Allows output ports to be combined in groups of 1, 2, 4, 8, 16, or 32 for unicast traffic.
• Allows output ports to be combined in groups of 1, 2, or 4 for multicast traffic.

Multicast Support
• Supports optimal tree-based multicast replication in the switch fabric.
• Supports 512 internal multicast groups, expandable to 256K with external SRAM.
• Provides 64 internal cell buffers for multicast cells.

Diagnostic/Robustness Features
• Checks the header parity.
• Counts tagged cells.
• Checks for connectivity and stuck-at faults on all switch fabric interconnects.

I/O Features
• Provides 32 switch fabric interfaces with integrated phase aligner clock recovery circuitry.
• Provides a Start-Of-Cell (SOC) output per four switch element interfaces.
• Provides an external 8-bit Synchronous SRAM (SSRAM) interface for multicast group expansion.
• Provides a demultiplexed address/data CPU interface.
• Provides an IEEE 1149.1 (JTAG) boundary scan test bus.

Physical Characteristics
• 3.3 V supply voltage.
• 5 V tolerant inputs.
• 596-pin Enhanced Plastic Ball Grid Array (EPBGA) package.
• Operates from a single 66 MHz clock.




Similar Part No. - PM73488

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73488 PMC-PM73488 Datasheet
1Mb / 135P
   5 Gbit/s ATM Switch Fabric Element
PM73488 PMC-PM73488 Datasheet
59Kb / 2P
   5 Gbit/s ATM Switch Fabric Element
PM73488-1 PMC-PM73488-1 Datasheet
59Kb / 2P
   5 Gbit/s ATM Switch Fabric Element
PM73488-PI PMC-PM73488-PI Datasheet
1Mb / 135P
   5 Gbit/s ATM Switch Fabric Element
More results


Similar Description - PM73488

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73488 PMC-PM73488 Datasheet
1Mb / 135P
   5 Gbit/s ATM Switch Fabric Element
PM73488-1 PMC-PM73488-1 Datasheet
59Kb / 2P
   5 Gbit/s ATM Switch Fabric Element
PM7325 PMC-PM7325 Datasheet
46Kb / 2P
   2.4 Gbit/s ATM Layer Solution
PM5372 PMC-PM5372 Datasheet
59Kb / 2P
   40 Gbit/s Transport Switching Element
logo
Vitesse Semiconductor C...
VSC872 VITESSE-VSC872 Datasheet
444Kb / 2P
   80 Gb/s Intelligent Switch Fabric
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
   Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
   Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
   Switch Fabric
PRSQ-80G AMCC-PRSQ-80G Datasheet
368Kb / 4P
   Switch Fabric
logo
Renesas Technology Corp
89TSF500 RENESAS-89TSF500 Datasheet
878Kb / 38P
   Switch Fabric
April 13, 2005
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com