Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA9450CL Datasheet (PDF) - Sanyo Semicon Device

LA9450CL Datasheet PDF - Sanyo Semicon Device
Part # LA9450CL
Download  LA9450CL Download

File Size   58.31 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Bi-CMOS IC For Laser Diode For Laser Diode

LA9450CL Datasheet (PDF)

Go To PDF Page Download Datasheet
LA9450CL Datasheet PDF - Sanyo Semicon Device

Part # LA9450CL
Download  LA9450CL Click to download

File Size   58.31 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Bi-CMOS IC For Laser Diode For Laser Diode

LA9450CL Datasheet (HTML) - Sanyo Semicon Device

LA9450CL Datasheet HTML 1Page - Sanyo Semicon Device LA9450CL Datasheet HTML 2Page - Sanyo Semicon Device LA9450CL Datasheet HTML 3Page - Sanyo Semicon Device LA9450CL Datasheet HTML 4Page - Sanyo Semicon Device LA9450CL Datasheet HTML 5Page - Sanyo Semicon Device

LA9450CL Product details

Overview
The LA9450CL is a pulse driver IC for laser diode that enables low voltage operation.

Features
• Two-power voltage design for low power consumption. Two-mode switching function of DC
   (supplied from VCC1: 2.4V) and pulse luminescence (supplied from VCC2: 2.8V).
• Low voltage (VCC1=2.0V min, VCC2=2.6V min) and low current consumption (ICC1=500µA) design.
• Low saturation PNP driver is used for DC mode for the low VCEsat.
• Small package ECSP3020-10 (size 3×2mm, pin pitch 0.65mm)

Function
• Laser driver
• Two-mode switching functions of DC and pulse luminescence




Similar Part No. - LA9450CL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9410 SANYO-LA9410 Datasheet
104Kb / 4P
   Final Audio Output IC for LD Players
More results


Similar Description - LA9450CL

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8110 SIPEX-SP8110 Datasheet
109Kb / 3P
   Two-Channel Modulation IC for Laser Diode
logo
Toshiba Semiconductor
TA8573FN TOSHIBA-TA8573FN Datasheet
232Kb / 7P
   HIGH-FREQUENCY MODULATION IC FOR LASER DIODE
logo
Roithner LaserTechnik G...
LDS-T-3 ROITHNER-LDS-T-3 Datasheet
51Kb / 1P
   Socket for Laser Diode
LDS-T-4 ROITHNER-LDS-T-4 Datasheet
53Kb / 1P
   Socket for Laser Diode
logo
Sanyo Semicon Device
SMA4306 SANYO-SMA4306 Datasheet
338Kb / 4P
   Oscillator IC for Laser Diode Noise Suppression Applications
SMA4306 SANYO-SMA4306_12 Datasheet
473Kb / 6P
   Oscillator IC for Laser Diode Noise Suppression Applications
SMA4203 SANYO-SMA4203 Datasheet
31Kb / 3P
   Oscillator IC for Laser Diode Noise Suppression Applications
logo
Roithner LaserTechnik G...
QL90F7S-A ROITHNER-QL90F7S-A Datasheet
81Kb / 5P
   LASER DIODE SPECIFICATIONS FOR APPROVAL
logo
Sharp Corporation
GH04P21A2GE SHARP-GH04P21A2GE Datasheet
41Kb / 4P
   TECHNICAL LITERATURE FOR LASER DIODE
logo
Renesas Technology Corp
NX5522 RENESAS-NX5522 Datasheet
201Kb / 8P
   LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com