![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
OPI1280-080 - Fiber Optic Isolator-Phototransistor Sensor - OPTEK Technologies |
|
Click Here View OPI1280-080 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| EF1801NPAS | Photoelectrics Fiber Optic Sensor | ETC |
| OPI1290 | Fiber Optic Isolator-Photologic Sensor | OPTEK Technologies |
| ZL60304 | Parallel Fiber Optic Transceiver 4 + 4 x 3.125 Gbps | Zarlink Semiconductor Inc |
| TOTX178 | FIBER OPTIC TRANSMITTING MODULE | Toshiba Semiconductor |
| TOTX178A | FIBER OPTIC TRANSMITTING MODULE | Toshiba Semiconductor |
| SY88904 | FIBER OPTIC MODULE CONTROLLER WITH APC | Micrel Semiconductor |
| X9523_06 | Laser Diode Control for Fiber Optic Modules | Intersil Corporation |
| NX8304BE-CC | InGaAsP MQW-DFB LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS | California Eastern Labs |
| NX5302 | 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS | California Eastern Labs |
Link URL |
|
|
Related keyword |
| OPI1280-080 Datasheet | OPI1280-080 Cross Reference | OPI1280-080 Schematic | OPI1280-080 Distributor | OPI1280-080 Datenblatt | OPI1280-080 RoHS |
| OPI1280-080 Equivalent | OPI1280-080 Application Notes | OPI1280-080 Data Sheet | OPI1280-080 component | OPI1280-080 Fiche Technique | OPI1280-080 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |