Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS24R10-06 Datasheet (PDF) - Teledyne Technologies Incorporated

FS24R10-06 Datasheet PDF - Teledyne Technologies Incorporated
Part # FS24R10-06
Download  FS24R10-06 Download

File Size   96.8 Kbytes
Page   3 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Output to 20A 280 Vac DC Control

FS24R10-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
FS24R10-06 Datasheet PDF - Teledyne Technologies Incorporated

Part # FS24R10-06
Download  FS24R10-06 Click to download

File Size   96.8 Kbytes
Page   3 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Output to 20A 280 Vac DC Control

FS24R10-06 Datasheet (HTML) - Teledyne Technologies Incorporated

FS24R10-06 Datasheet HTML 1Page - Teledyne Technologies Incorporated FS24R10-06 Datasheet HTML 2Page - Teledyne Technologies Incorporated FS24R10-06 Datasheet HTML 3Page - Teledyne Technologies Incorporated



Similar Part No. - FS24R10-06

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS24 GOOD-ARK-FS24 Datasheet
358Kb / 4P
   Surface Mount Schottky Rectifier
logo
TRIAD MAGNETICS
FS24-045 TRIAD-FS24-045 Datasheet
44Kb / 1P
   FS24-045
logo
List of Unclassifed Man...
FS24-045 ETC2-FS24-045 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
FS24-045-C2 TRIAD-FS24-045-C2 Datasheet
56Kb / 1P
   CLASS 2/3 TRANSFORMER
FS24-045 TRIAD-FS24-045_13 Datasheet
88Kb / 1P
   PC MOUNT : SPLIT PACK
More results


Similar Description - FS24R10-06

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
   Output to 12A 280 Vac DC Control
X24D12 TELEDYNE-X24D12 Datasheet
102Kb / 3P
   Output to 16A 280 Vac DC Control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
SQ24D25 TELEDYNE-SQ24D25 Datasheet
60Kb / 2P
   Quad Output 25A 280 Vac DC control
C3P24D25 TELEDYNE-C3P24D25 Datasheet
85Kb / 2P
   Three-Phase Output 25A 280 Vac DC control
logo
Willow Technologies Ltd
C3P24D25C WILLOW-C3P24D25C Datasheet
164Kb / 2P
   Three-Phase Output to 25A 280 Vac
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
TS24D2G TELEDYNE-TS24D2G Datasheet
113Kb / 4P
   Output to 2.5A, 275 Vac AC/DC Control
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com