![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
BD243 - NPN SILICON POWER TRANSISTORS - Power Innovations Ltd |
|
Click Here View BD243 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BU522B | 7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS | Motorola, Inc |
| CJD3439 | NPN SILICON PLASTIC HIGH VOLTAGE POWER TRANSISTORS | Continental Device India Limited |
| MJ13333 | 20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS | Motorola, Inc |
| MRF421 | RF POWER TRANSISTORS NPN SILICON | Motorola, Inc |
| BD245 | NPN SILICON POWER TRANSISTORS | Bourns Electronic Solutions |
| 2N6274 | POWER TRANSISTORS NPN SILICON | ON Semiconductor |
| MJ16018 | NPN Silicon Power Transistors | ON Semiconductor |
| MJ413 | 10 Amp NPN Silicon Power Transistors 125W | Micro Commercial Components |
| 2N4240 | 5 Amp 500V High Voltage NPN Silicon Power Transistors | Microsemi Corporation |
| BSS66 | SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS | ETC |
Link URL |
|
|
Related keyword |
| BD243 Datasheet | BD243 Cross Reference | BD243 Schematic | BD243 Distributor | BD243 Datenblatt | BD243 RoHS |
| BD243 Equivalent | BD243 Application Notes | BD243 Data Sheet | BD243 component | BD243 Fiche Technique | BD243 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |