Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
QTLP670C23
(1)
QTLP670C24
(1)
QTLP670C25
(1)
QTLP670C25 - PLCC-4 (BI-COLOR) PACKAGE SURFACE MOUNT LED LAMP - Everlight Electronics Co., Ltd
Click Here View
QTLP670C25
Datasheet
Part No.
QTLP670C25
Description
PLCC-4 (BI-COLOR) PACKAGE SURFACE MOUNT LED LAMP
Download
QTLP670C25
Click here
to View
File Size
135.14 Kbytes / 3 Pages
Maker
EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage
http://www.everlight.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
AAA5060SUREVGEC
5.0mm
x
6.0mm
BI-COLOR
SURFACE
MOUNT
LED
LAMP
Kingbright Corporation
AAA5060SYEVGEC
5.0mm
x
6.0mm
BI-COLOR
SURFACE
MOUNT
LED
LAMP
Kingbright Corporation
AA3020SYCK
3.0x2.0mm
SURFACE
MOUNT
LED
LAMP
Kingbright Corporation
AA3020RWS
3.0x2.0mm
SURFACE
MOUNT
LED
LAMP
Kingbright Corporation
AA4040SYC
4.0x4.0mm
RIGHT
ANGLE
SURFACE
MOUNT
LED
LAMP
Kingbright Corporation
AA5060VGC
5.0X6.0mm
SURFACE
MOUNT
LED
LAMP
Kingbright Corporation
AM23SYC-F
SURFACE
MOUNT
LED
LAMP
Kingbright Corporation
APKF3030PBAXXC-F01
3.0mmx3.0mm
SURFACE
MOUNT
LED
LAMP
Kingbright Corporation
AA3020YC
3.0x2.0mm
SURFACE
MOUNT
LED
LAMP
Kingbright Corporation
AA4040SYCK
4.0x4.0mm
RIGHT
ANGLE
SURFACE
MOUNT
LED
LAMP
Kingbright Corporation
Link URL :
Related keyword
QTLP670C25 Datasheet
QTLP670C25 Cross Reference
QTLP670C25 Schematic
QTLP670C25 Distributor
QTLP670C25 Datenblatt
QTLP670C25 RoHS
QTLP670C25 Equivalent
QTLP670C25 Application Notes
QTLP670C25 Data Sheet
QTLP670C25 components
QTLP670C25 Fiche Technique
QTLP670C25 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer