Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ5.0 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

SMCJ5.0 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # SMCJ5.0
Download  SMCJ5.0 Download

File Size   109.0 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Surface Mount Transient Voltage Suppressor

SMCJ5.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMCJ5.0 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # SMCJ5.0
Download  SMCJ5.0 Click to download

File Size   109.0 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Surface Mount Transient Voltage Suppressor

SMCJ5.0 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

SMCJ5.0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ5.0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ5.0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ5.0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ5.0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd

SMCJ5.0 Product details

Features
✧ For surface mounted application
✧ Low profile package
✧ Built-in strain relief
✧ Glass passivated junction
✧ Excellent clamping capability
✧ Fast response time: Typically less than 1.0ps from
   0 volt to BV min
✧ Typical IR less than 1uA above 10V
✧ High temperature soldering guaranteed:
   260℃ / 10 seconds at terminals
✧ Plastic material used carried Underwriters
   Laboratory Flammability Classification 94V-0
✧ 1500 watts peak pulse power capability with a
   10/1000 us waveform
✧ Green compound with suffix "G" on packing
   code & prefix "G" on datecode

Mechanical Data
✧ Case: Molded plastic
✧ Terminals: Pure tin plated, lead free
✧ Polarity: Indicated by cathode band
✧ Standard packaging: 16mm tape per EIA Std RS-481
✧ Weight: 0.26 gram




Similar Part No. - SMCJ5.0

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMCJ5.0 JUXING-SMCJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SMCJ5.0 DCCOM-SMCJ5.0 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ5.0 VISHAY-SMCJ5.0 Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Jiangsu High diode Semi...
SMCJ5.0 HDSEMI-SMCJ5.0 Datasheet
1Mb / 7P
   SMC Plastic-Encapsulate Diodes
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results


Similar Description - SMCJ5.0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com