Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7163 Datasheet (PDF) - NTE Electronics

NTE7163 Datasheet PDF - NTE Electronics
Part # NTE7163
Download  NTE7163 Download

File Size   43.62 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Intergrated Circut 4 x 40W Quad Bridge Car Radio Amplifier

NTE7163 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7163 Datasheet PDF - NTE Electronics

Part # NTE7163
Download  NTE7163 Click to download

File Size   43.62 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Intergrated Circut 4 x 40W Quad Bridge Car Radio Amplifier

NTE7163 Datasheet (HTML) - NTE Electronics

NTE7163 Datasheet HTML 1Page - NTE Electronics NTE7163 Datasheet HTML 2Page - NTE Electronics NTE7163 Datasheet HTML 3Page - NTE Electronics

NTE7163 Product details

Description:
The NTE7163 is a new technology class AB audio power amplifier in a 25−Lead Staggered SIP type package designed for high end car radio applications. Thanks to the PNP/NPN output configuration the NTE7163 allows a rail to rail output voltage swing with no need of bootstrap capacitors. The extremely reduced components count allows very compact sets.

Features:
● High Output Power Capability
   4 x 45W/4Ω Max
   4 x 40W/4Ω ΕΙΑJ
   4 x 28W/4Ω @ 14.4V, 1KHz, 10%
   4 x 24W/4Ω @ 13.2V, 1KHz, 10%
● Low Distortion
● Low Output Noise
● ST−BY Function
● Mute Function
● Automute at Min. Supply Voltage Detection
● Low External Component Count:
   Internally Fixed Gain (26dB)
   No External Compensation
   No Bootstrap Capacitors

Protections:
● Output Short Circut to GND, To VS, Across the Load
● Very Inductive Loads
● Overrating Chip Temperature with Soft Thermal Limiter
● Load Dump Voltage
● Fortuitous Open GND




Similar Part No. - NTE7163

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7160 NTE-NTE7160 Datasheet
30Kb / 2P
   Integrated Circuit Video Switch
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
   Double−Balanced Mixer & Oscillator
NTE7165 NTE-NTE7165 Datasheet
31Kb / 3P
   DMOS Audio Amplifier, 100W, for Self -Powered Loudspeakers
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
   Integrated Circuit Flyback Switching Regulator
More results


Similar Description - NTE7163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
   4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
   4 x 42W quad bridge car radio amplifier
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7384A STMICROELECTRONICS-TDA7384A_07 Datasheet
279Kb / 14P
   4 x 42W quad bridge car radio amplifier
TDA7388 STMICROELECTRONICS-TDA7388 Datasheet
210Kb / 10P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com