Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-9001 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSDL-9001 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSDL-9001
Download  HSDL-9001 Download

File Size   96.6 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Miniature Surface-Mount Ambient Light Photo Diode

HSDL-9001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-9001 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-9001
Download  HSDL-9001 Click to download

File Size   96.6 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Miniature Surface-Mount Ambient Light Photo Diode

HSDL-9001 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HSDL-9001 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSDL-9001 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HSDL-9001 Product details

Description
The HSDL-9001 is a low cost analog-output ambient light photo diode in lowest cost miniature Quad-Flat-No Lead (QFN) lead-free surface mount package. It consists of a photodiode, which peaks in human luminosity curve at 550 nm. Hence, it provides an excellent responsivity that is close to the response of human eyes, as shown in figure 2. It provides a design-alternative to the HSDL-9000 digital-output ambient light photo sensor with infinite ambient light detection threshold control. Both the HSDL-9000 and HSDL-9001 are ideal for applications in which the measurement of ambient light is used to control display backlighting. Mobile appliances such as the mobile phones and PDAs that draw heavy current from the display backlighting will benefit from incorporating the HSDL-9000 and HSDL-9001 in
their designs to reduce the power consumption
significantly.

Features
• Excellent responsivity which peaks in the human
   luminosity curve at 550 nm
   Close responsivity to the human eye
• Miniature QFN surface-mount package
   Height – 0.60 mm
   Width – 2.00 mm
   Depth – 1.50 mm
• Infinite ambient light detection threshold control
• Guaranteed temperature performance
   –40°C to 85°C
• VCC supply 2.7 to 3.6 V
• Lead-free and RoHS Compliant

Applications
• Detection of ambient light to control display backlighting
   Mobile devices – mobile phones, PDAs
   Computing devices – notebooks, webpads
   Consumer devices – TVs, video cameras, digital still cameras
• Daylight and artificial light exposed devices




Similar Part No. - HSDL-9001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-9001 HP-HSDL-9001 Datasheet
87Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Diode
More results


Similar Description - HSDL-9001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-9001 HP-HSDL-9001 Datasheet
87Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Diode
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9005 AVAGO-APDS-9005 Datasheet
685Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9006-020 AVAGO-APDS-9006-020 Datasheet
706Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9006 BOARDCOM-APDS-9006 Datasheet
720Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002_12 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
HSDL9000 HP-HSDL9000 Datasheet
270Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9004 AVAGO-APDS-9004 Datasheet
316Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com