Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF1405ZPBF Datasheet (PDF) - International Rectifier

IRF1405ZPBF Datasheet PDF - International Rectifier
Part # IRF1405ZPBF
Download  IRF1405ZPBF Download

File Size   812.24 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 75A )

IRF1405ZPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF1405ZPBF Datasheet PDF - International Rectifier

Part # IRF1405ZPBF
Download  IRF1405ZPBF Click to download

File Size   812.24 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 75A )

IRF1405ZPBF Datasheet (HTML) - International Rectifier

Back Button IRF1405ZPBF Datasheet HTML 1Page - International Rectifier IRF1405ZPBF Datasheet HTML 2Page - International Rectifier IRF1405ZPBF Datasheet HTML 3Page - International Rectifier IRF1405ZPBF Datasheet HTML 4Page - International Rectifier IRF1405ZPBF Datasheet HTML 5Page - International Rectifier IRF1405ZPBF Datasheet HTML 6Page - International Rectifier IRF1405ZPBF Datasheet HTML 7Page - International Rectifier IRF1405ZPBF Datasheet HTML 8Page - International Rectifier IRF1405ZPBF Datasheet HTML 9Page - International Rectifier IRF1405ZPBF Datasheet HTML 10Page - International Rectifier Next Button 

IRF1405ZPBF Product details

VDSS = 55V
RDS(on) = 4.9mΩ
ID = 75A

Description
Specifically designed for Automotive applications, this HEXFET® Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this design are a 175°C junction operating temperature, fast switching speed and improved repetitive avalanche rating . These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.

Features
● Advanced Process Technology
● Ultra Low On-Resistance
● 175°C Operating Temperature
● Fast Switching
● Repetitive Avalanche Allowed up to Tjmax
● Lead-Free




Similar Part No. - IRF1405ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1405ZPBF IRF-IRF1405ZPBF Datasheet
401Kb / 12P
   Advanced Process Technology
IRF1405ZPBF IRF-IRF1405ZPBF_15 Datasheet
401Kb / 12P
   Advanced Process Technology
More results


Similar Description - IRF1405ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
IRLZ44ZPBF IRF-IRLZ44ZPBF Datasheet
362Kb / 13P
   AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5m廓 , ID = 51A)
IRF1405SPBF IRF-IRF1405SPBF Datasheet
240Kb / 12P
   AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 5.3m廓 , ID = 131A )
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
   HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
   HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
IRLR014NPBF IRF-IRLR014NPBF Datasheet
281Kb / 11P
   HEXFET POWER MOSFET ( VDSS = 55V , RDS(on) = 0.14廓 , ID = 10A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com