Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR771HT Datasheet (PDF) - Power Semiconductors

AR771HT Datasheet PDF - Power Semiconductors
Part # AR771HT
Download  AR771HT Download

File Size   284.15 Kbytes
Page   4 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description RECTIFIER DIODE

AR771HT Datasheet (PDF)

Go To PDF Page Download Datasheet
AR771HT Datasheet PDF - Power Semiconductors

Part # AR771HT
Download  AR771HT Click to download

File Size   284.15 Kbytes
Page   4 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description RECTIFIER DIODE

AR771HT Datasheet (HTML) - Power Semiconductors

AR771HT Datasheet HTML 1Page - Power Semiconductors AR771HT Datasheet HTML 2Page - Power Semiconductors AR771HT Datasheet HTML 3Page - Power Semiconductors AR771HT Datasheet HTML 4Page - Power Semiconductors

AR771HT Product details

RECTIFIER DIODE

Repetitive voltage up to 4500 V
Mean forward current 3680 A
Surge current 50 kA




Similar Part No. - AR771HT

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR771 POSEICO-AR771 Datasheet
169Kb / 4P
   RECTIFIER DIODE
logo
Schneider Electric
AR7711 SCHNEIDER-AR7711 Datasheet
97Kb / 2P
   NetShelter Zero U Accessory Mounting Bracket
Sep 20, 2021
logo
Power Semiconductors
AR771LT POSEICO-AR771LT Datasheet
408Kb / 3P
   RECTIFIER DIODE
AR771LTS50 POSEICO-AR771LTS50 Datasheet
408Kb / 3P
   RECTIFIER DIODE
AR771S50 POSEICO-AR771S50 Datasheet
169Kb / 4P
   RECTIFIER DIODE
More results


Similar Description - AR771HT

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com