Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF2012 Datasheet (PDF) - Power Semiconductors

ARF2012 Datasheet PDF - Power Semiconductors
Part # ARF2012
Download  ARF2012 Download

File Size   45.23 Kbytes
Page   4 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description FAST RECOVERY DIODE

ARF2012 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARF2012 Datasheet PDF - Power Semiconductors

Part # ARF2012
Download  ARF2012 Click to download

File Size   45.23 Kbytes
Page   4 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description FAST RECOVERY DIODE

ARF2012 Datasheet (HTML) - Power Semiconductors

ARF2012 Datasheet HTML 1Page - Power Semiconductors ARF2012 Datasheet HTML 2Page - Power Semiconductors ARF2012 Datasheet HTML 3Page - Power Semiconductors ARF2012 Datasheet HTML 4Page - Power Semiconductors

ARF2012 Product details

FAST RECOVERY DIODE

Repetitive voltage up to 2600 V
Mean forward current 1525 A
Surge current 16 kA




Similar Part No. - ARF2012

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ARF200 OHMITE-ARF200 Datasheet
250Kb / 2P
   High power density
ARF200 OHMITE-ARF200 Datasheet
250Kb / 2P
   High power density
More results


Similar Description - ARF2012

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com