Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP-060120A15Z50 Datasheet (PDF) - Anaren Microwave

RFP-060120A15Z50 Datasheet PDF - Anaren Microwave
Part # RFP-060120A15Z50
Download  RFP-060120A15Z50 Download

File Size   519.17 Kbytes
Page   2 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description Alumina Terminations 8 Watts 50ohm

RFP-060120A15Z50 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP-060120A15Z50 Datasheet PDF - Anaren Microwave

Part # RFP-060120A15Z50
Download  RFP-060120A15Z50 Click to download

File Size   519.17 Kbytes
Page   2 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description Alumina Terminations 8 Watts 50ohm

RFP-060120A15Z50 Datasheet (HTML) - Anaren Microwave

RFP-060120A15Z50 Datasheet HTML 1Page - Anaren Microwave RFP-060120A15Z50 Datasheet HTML 2Page - Anaren Microwave



Similar Part No. - RFP-060120A15Z50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RFP-060120A15Z50-2 NXP-RFP-060120A15Z50-2 Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
RFP-060120A15Z50-2 NXP-RFP-060120A15Z50-2 Datasheet
393Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 11/2009
More results


Similar Description - RFP-060120A15Z50

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-250250A4X50 ANAREN-RFP-250250A4X50 Datasheet
531Kb / 2P
   Alumina Terminations 30 Watts, 50ohm
RFP-050060-15X50-2 ANAREN-RFP-050060-15X50-2 Datasheet
498Kb / 2P
   Chip Terminations 4 Watts, 50ohm
RFP-250250-4X50-2 ANAREN-RFP-250250-4X50-2 Datasheet
504Kb / 2P
   Chip Terminations 40 Watts, 50ohm
RFP-375375-6X50-2 ANAREN-RFP-375375-6X50-2 Datasheet
503Kb / 2P
   Chip Terminations 300 Watts, 50ohm
RFP-050100-1X50-2 ANAREN-RFP-050100-1X50-2 Datasheet
498Kb / 2P
   Chip Terminations 5 Watts, 50ohm
RFP-250375-4X50-2 ANAREN-RFP-250375-4X50-2 Datasheet
501Kb / 2P
   Chip Terminations 150 Watts, 50ohm
RFP-800-50T ANAREN-RFP-800-50T Datasheet
501Kb / 2P
   Flanged Terminations 800 Watts, 50ohm
RFP-250250-4Z50-2 ANAREN-RFP-250250-4Z50-2 Datasheet
506Kb / 2P
   Surface Mount Terminations 16 Watts, 50ohm
RFP-100200A25X50 ANAREN-RFP-100200A25X50 Datasheet
525Kb / 2P
   Alumina Terminations 20 Watts, 50 ohm
RFP-100200N4Z50-2 ANAREN-RFP-100200N4Z50-2 Datasheet
505Kb / 2P
   Aluminum Nitride Terminations 10 Watts, 50ohm
More results




About Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com