Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRIO Datasheet (PDF) - Diotec Semiconductor

TRIO Datasheet PDF - Diotec Semiconductor
Part # TRIO
Download  TRIO Download

File Size   155.5 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Triple Exciter Diode for Automotive Alternators etc

TRIO Datasheet (PDF)

Go To PDF Page Download Datasheet
TRIO Datasheet PDF - Diotec Semiconductor

Part # TRIO
Download  TRIO Click to download

File Size   155.5 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Triple Exciter Diode for Automotive Alternators etc

TRIO Datasheet (HTML) - Diotec Semiconductor

TRIO Datasheet HTML 1Page - Diotec Semiconductor TRIO Datasheet HTML 2Page - Diotec Semiconductor

TRIO Product details

Triple Exciter Diode for Automotive Alternators etc

• Nominal output current 4 A
• Repetitive peak reverse voltage 150 V
• Plastic case (see next page) 39.6 x 11.6 x 8.3 [mm]
• Weight approx. 35 g
• Compound has classification UL94V-0
• Standard packaging bulk




Similar Part No. - TRIO

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
TRIO-PS/1AC/24DC/10 PHOENIX-TRIO-PS/1AC/24DC/10 Datasheet
142Kb / 6P
   TRIO-PS/1AC/24DC/10
More results


Similar Description - TRIO

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
E-3304 SOBERTON-E-3304 Datasheet
349Kb / 1P
   Exciter
logo
Thinki Semiconductor Co...
KP40P THINKISEMI-KP40P Datasheet
1Mb / 3P
   40.0Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
logo
Soberton Inc.
E-4408 SOBERTON-E-4408_18 Datasheet
539Kb / 1P
   EXCITER
E-2708 SOBERTON-E-2708 Datasheet
264Kb / 1P
   Exciter
E-2702 SOBERTON-E-2702_18 Datasheet
377Kb / 1P
   EXCITER
E-2704-1 SOBERTON-E-2704-1 Datasheet
341Kb / 1P
   EXCITER
E-2708 SOBERTON-E-2708_18 Datasheet
307Kb / 1P
   EXCITER
E-2702 SOBERTON-E-2702 Datasheet
309Kb / 1P
   Exciter
E-12041808 SOBERTON-E-12041808 Datasheet
402Kb / 1P
   Exciter
E-3304 SOBERTON-E-3304_18 Datasheet
440Kb / 1P
   EXCITER
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com