Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C1024-12N3TR Datasheet (PDF) - STMicroelectronics

M27C1024-12N3TR Datasheet PDF - STMicroelectronics
Part # M27C1024-12N3TR
Download  M27C1024-12N3TR Download

File Size   106.14 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit (64Kb x16) UV EPROM and OTP EPROM

M27C1024-12N3TR Datasheet (PDF)

Go To PDF Page Download Datasheet
M27C1024-12N3TR Datasheet PDF - STMicroelectronics

Part # M27C1024-12N3TR
Download  M27C1024-12N3TR Click to download

File Size   106.14 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit (64Kb x16) UV EPROM and OTP EPROM

M27C1024-12N3TR Datasheet (HTML) - STMicroelectronics

Back Button M27C1024-12N3TR Datasheet HTML 1Page - STMicroelectronics M27C1024-12N3TR Datasheet HTML 2Page - STMicroelectronics M27C1024-12N3TR Datasheet HTML 3Page - STMicroelectronics M27C1024-12N3TR Datasheet HTML 4Page - STMicroelectronics M27C1024-12N3TR Datasheet HTML 5Page - STMicroelectronics M27C1024-12N3TR Datasheet HTML 6Page - STMicroelectronics M27C1024-12N3TR Datasheet HTML 7Page - STMicroelectronics M27C1024-12N3TR Datasheet HTML 8Page - STMicroelectronics M27C1024-12N3TR Datasheet HTML 9Page - STMicroelectronics M27C1024-12N3TR Datasheet HTML 10Page - STMicroelectronics Next Button 

M27C1024-12N3TR Product details

DESCRIPTION
The M27C1024 is a 1 Mbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for microprocessor systems requiring large data or program storage and is organized as 65,536 words of 16 bits.
The FDIP40W (window ceramic frit-seal package) has a transparent lid which allows the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written to the device by following the programming procedure.
For application where the content is programmed only one time and erasure is not required, the M27C1024 is offered in PDIP40, PLCC44 and TSOP40 (10 x 14 mm) packages.

■ 5V ± 10% SUPPLY VOLTAGE in READ OPERATION
■ ACCESS TIME: 35ns
■ LOW POWER CONSUMPTION:
   – Active Current 35mA at 5MHz
   – Standby Current 100µA
■ PROGRAMMING VOLTAGE: 12.75V ± 0.25V
■ PROGRAMMING TIME: 100µs/word
■ ELECTRONIC SIGNATURE
   – Manufacturer Code: 20h
   – Device Code: 8Ch




Similar Part No. - M27C1024-12N3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results


Similar Description - M27C1024-12N3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
   1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com