Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD7780 Datasheet (PDF) - Asahi Kasei Microsystems

AKD7780 Datasheet PDF - Asahi Kasei Microsystems
Part # AKD7780
Download  AKD7780 Download

File Size   1377.22 Kbytes
Page   48 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 24-bit stereo ADC?셲, a mono ADC and a stereo SRC.

AKD7780 Datasheet (PDF)

Go To PDF Page Download Datasheet
AKD7780 Datasheet PDF - Asahi Kasei Microsystems

Part # AKD7780
Download  AKD7780 Click to download

File Size   1377.22 Kbytes
Page   48 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 24-bit stereo ADC?셲, a mono ADC and a stereo SRC.

AKD7780 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AKD7780 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD7780 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AKD7780 Product details

GENERAL DESCRIPTION
The AK7780 is a highly integrated audio processor, including a 28-bit floating point DSP, two 24-bit stereo ADC’s and one mono ADC. The stereo ADC’s feature high performance, achieving 96dB dynamic range, they include 8:1 input selectors. The ADC supports sampling frequencies from 7.35 kHz to 96 kHz. The AK7780 also includes a stereo sample rate converter (SRC), so it can be used as a master device when it receives digital audio inputs. The DSP includes 168kbits of SRAM for audio delay data that is suitable for creating simulated surround fields. The programmable DSP block is realized with 2560step/fs DSP. It supports sampling frequencies from 7.35kHz to 96 kHz. The AK7780 is used to implement complete sound field control, such as echo, 3D, parametric equalization, and other sound enhancements. It is packaged in a 100-lead LQFP package.

FEATURES
[DSP]
    Main
        ■ Word length: 28-bit (Data RAM F24.4 limited range floating point)
        ■ Instruction cycle time: 8.1 ns (2560step/fs fs=48kHz; 1280step/fs fs=96kHz)
        ■ Multiplier: 24 x 16 → 40-bit (Double precision available)
        ■ Divider: 24 / 24 → 24-bit
        ■ ALU: 44-bit arithmetic operation (overflow margin: 4-bits)
            F24.4 arithmetic and logic operation
        ■ Shift+Register: Flexible setting
        ■ Program RAM: 2048 x 36-bit
        ■ Coefficient RAM: 2048 x 16-bit
        ■ Data RAM: 2048 x 28-bit (F24.4[sign bit + 23-bit mantissa + 4-bit exponent])
        ■ Offset RAM: 64 x 13-bit
        ■ Internal Delay RAM: 168kbits
            ( 6144 x 28 bit / 2048 x 28 bit + 8192 x 14 bit / 3072 x 28 bit + 6144 x 14 bit
            / 4096 x 28 bit + 4096 x 14 bit) 4 pattern setting
                28bit = F24.4 [24 bit sign & mantissa: 4 bit exponent]
                14bit = F10.4 [10 bit sign & mantissa: 4 bit exponent]
■ Sampling frequency: 7.35kHz ~ 96kHz
■ Serial interface port for microcontroller or I2C BUS control
■ Master Clock: 2560fs (generated by PLL from 32fs ,64fs, 256fs and 384fs)
■ Master/Slave operation
■ Serial signal input port (10ch): MSB justified 24-bit / LSB justified 16/20/24-bit and I2S
■ Serial signal output port(12ch): MSB justified 24-bit / LSB justified 24,16-bit and I2S (SDOUT1,SDOUT2 and SDOUT3)
[ADC]
    4 channels (2 stereo pairs)
        ■ 24-bit 64X over-sampling delta-sigma (fs = 7.35kHz ~ 96kHz)
        ■ DR, S/N: 96dBA (fs = 48kHz, fully-differential input)
        ■ S/(N+D): 92dB (fs = 48kHz)
        ■ Digital HPF (fc = 1Hz)
[ADC]
    Mono single channel
        ■ 24-bit 64X over-sampling delta sigma (fs = 7.35kHz ~ 96kHz)
        ■ DR, S/N: 95dBA ( fs = 48kHz)
        ■ Includes digital attenuator
[SRC]
    Stereo pair
        ■ Input frequency 7.35kHz ~ 96kHz → Output frequency 44.1kHz ~ 96kHz
[Other]
        ■ Power supply: +3.3V ±0.3V, +1.7V~+2.0V(typ +1.8V)
        ■ Operating temperature range: -40°C~85°C
        ■ Package: 100pin LQFP(0.5mm pitch)




Similar Part No. - AKD7780

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD7780 AKM-AKD7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
More results


Similar Description - AKD7780

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8738 WOLFSON-WM8738 Datasheet
157Kb / 15P
   24 BIT STEREO ADC
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
   24 Bit Stereo ADC
logo
Cirrus Logic
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
   24-Bit, 192kHz Stereo ADC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com