Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9011-KNGQWC Datasheet (PDF) - Richtek Technology Corporation

RT9011-KNGQWC Datasheet PDF - Richtek Technology Corporation
Part # RT9011-KNGQWC
Download  RT9011-KNGQWC Download

File Size   336.72 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Portable Power Management 300mA Dual LDO Regulator

RT9011-KNGQWC Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9011-KNGQWC Datasheet PDF - Richtek Technology Corporation

Part # RT9011-KNGQWC
Download  RT9011-KNGQWC Click to download

File Size   336.72 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Portable Power Management 300mA Dual LDO Regulator

RT9011-KNGQWC Datasheet (HTML) - Richtek Technology Corporation

Back Button RT9011-KNGQWC Datasheet HTML 1Page - Richtek Technology Corporation RT9011-KNGQWC Datasheet HTML 2Page - Richtek Technology Corporation RT9011-KNGQWC Datasheet HTML 3Page - Richtek Technology Corporation RT9011-KNGQWC Datasheet HTML 4Page - Richtek Technology Corporation RT9011-KNGQWC Datasheet HTML 5Page - Richtek Technology Corporation RT9011-KNGQWC Datasheet HTML 6Page - Richtek Technology Corporation RT9011-KNGQWC Datasheet HTML 7Page - Richtek Technology Corporation RT9011-KNGQWC Datasheet HTML 8Page - Richtek Technology Corporation RT9011-KNGQWC Datasheet HTML 9Page - Richtek Technology Corporation RT9011-KNGQWC Datasheet HTML 10Page - Richtek Technology Corporation Next Button 

RT9011-KNGQWC Product details

General Description
The RT9011 is a dual channel, low noise, and low dropout regulator sourcing up to 300mA at each channel. The range of output voltage is from 1.2V to 3.6V by operating from 2.5V to 5.5V input.

Features
• Wide Operating Voltage Ranges : 2.5V to 5.5V
• Low-Noise for RF Application
• No Noise Bypass Capacitor Required
• Fast Response in Line/Load Transient
• TTL-Logic-Controlled Shutdown Input
• Low Temperature Coefficient
• Dual LDO Outputs (300mA/300mA)
• Ultra-low Quiescent Current 27μA/LDO
• High Output Accuracy 2%
• Short Circuit Protection
• Thermal Shutdown Protection
• Current Limit Protection
• Short Circuit Thermal Folded Back Protection
• Tiny TSOT-23-6 and 8-Lead WDFN Package
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• CDMA/GSM Cellular Handsets
• Battery-Powered Equipment
• Laptop, Palmtops, Notebook Computers
• Hand-Held Instruments
• PCMCIA Cards
• Portable Information Appliances




Similar Part No. - RT9011-KNGQWC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011-KNGQWC RICHTEK-RT9011-KNGQWC Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
More results


Similar Description - RT9011-KNGQWC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011_11 Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com