Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA44 Datasheet (PDF) - Pan Jit International Inc.

MMBTA44 Datasheet PDF - Pan Jit International Inc.
Part # MMBTA44
Download  MMBTA44 Download

File Size   331.85 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN HIGH VOLTAGE TRANSISTOR

MMBTA44 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA44 Datasheet PDF - Pan Jit International Inc.

Part # MMBTA44
Download  MMBTA44 Click to download

File Size   331.85 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN HIGH VOLTAGE TRANSISTOR

MMBTA44 Datasheet (HTML) - Pan Jit International Inc.

MMBTA44 Datasheet HTML 1Page - Pan Jit International Inc. MMBTA44 Datasheet HTML 2Page - Pan Jit International Inc. MMBTA44 Datasheet HTML 3Page - Pan Jit International Inc. MMBTA44 Datasheet HTML 4Page - Pan Jit International Inc. MMBTA44 Datasheet HTML 5Page - Pan Jit International Inc.

MMBTA44 Product details

VOLTAGE 400 Volts POWER 225 mWatts

FEATURES
• Silicon, planar design
• Collector-emitter voltage VCE = 400V
• Collector current IC = 300mA
• In compliance with EU RoHS 2002/95/EC directives

MECHANICAL DATA
• Case: SOT-23, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.008 gram
• Marking: A44




Similar Part No. - MMBTA44

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMBTA44 ETC-MMBTA44 Datasheet
34Kb / 1P
   SOT-23-3L Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
MMBTA44 WINNERJOIN-MMBTA44 Datasheet
128Kb / 1P
   TRANSISTOR (NPN)
logo
Micro Commercial Compon...
MMBTA44 MCC-MMBTA44 Datasheet
305Kb / 3P
   NPN Silicon High Voltage Transistor 350mW
logo
Avic Technology
MMBTA44 AVICTEK-MMBTA44 Datasheet
50Kb / 1P
   SOT-23-3L Plastic-Encapsulate Transistors
logo
Guilin Strong Micro-Ele...
MMBTA44 GSME-MMBTA44 Datasheet
349Kb / 2P
   NPN High Voltage Transistor
More results


Similar Description - MMBTA44

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com