Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB461F Datasheet (PDF) - TRANSYS Electronics Limited

RB461F Datasheet PDF - TRANSYS Electronics Limited
Part # RB461F
Download  RB461F Download

File Size   62.05 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY DIODE

RB461F Datasheet (PDF)

Go To PDF Page Download Datasheet
RB461F Datasheet PDF - TRANSYS Electronics Limited

Part # RB461F
Download  RB461F Click to download

File Size   62.05 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY DIODE

RB461F Datasheet (HTML) - TRANSYS Electronics Limited

RB461F Datasheet HTML 1Page - TRANSYS Electronics Limited

RB461F Product details

FEATURES
   Power dissipation
      PD: 150 mW (Tamb=25℃)
   Collector current
      IF: 0.7 A
   Reverse voltage
      VR: 20 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - RB461F

ManufacturerPart #DatasheetDescription
logo
Rohm
RB461F ROHM-RB461F Datasheet
58Kb / 2P
   Schottky barrier diode
logo
Galaxy Semi-Conductor H...
RB461F BILIN-RB461F Datasheet
174Kb / 3P
   Schottky Barrier Diode
logo
Rohm
RB461F ROHM-RB461F Datasheet
201Kb / 4P
   Schottky barrier diode
logo
Micro Commercial Compon...
RB461F MCC-RB461F Datasheet
138Kb / 2P
   700 mA Schottky Barrier Diode 20 Volts
logo
Galaxy Semi-Conductor H...
RB461F BILIN-RB461F Datasheet
110Kb / 2P
   Schottky Barrier Diode
More results


Similar Description - RB461F

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
   Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
   SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
   Schottky Diode
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
   SCHOTTKY DIODE
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
   SCHOTTKY DIODE
logo
SHENZHEN YONGERJIA INDU...
BAS40 WINNERJOIN-BAS40 Datasheet
76Kb / 1P
   SCHOTTKY DIODE
BAS70-04 WINNERJOIN-BAS70-04 Datasheet
124Kb / 2P
   SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
   Schottky Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com