![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1N5246A - 1/2 Watt ZENER DIODES - First Components International |
|
Click Here View 1N5246A Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N4728A | SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES | TRANSYS Electronics Limited |
| SZ5706 | 5.0 WATT 6.8 - 270 VOLTS ZENER DIODES | Solid States Devices, Inc |
| 1N4728 | 1 Watt ZENER DIODES 3.3V to 100V | First Components International |
| 3SMAJ5913B | 3.0 Watt Surface Mount Silicon Zener Diodes | Micro Commercial Components |
| 1N5221 | 1/2 Watt ZENER DIODES | First Components International |
| BZX84J | Single Zener diodes | NXP Semiconductors |
| 1N4565AUR-1 | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | Microsemi Corporation |
| LLZ2V4 | 500mW Silicon Zener Diodes | Micro Commercial Components |
| BZT52C3V0 | Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage | Diotec Semiconductor |
| ZY1 | Axial lead diode Zener silicon diodes | Semikron International |
Link URL |
|
|
Related keyword |
| 1N5246A Datasheet | 1N5246A Cross Reference | 1N5246A Schematic | 1N5246A Distributor | 1N5246A Datenblatt | 1N5246A RoHS |
| 1N5246A Equivalent | 1N5246A Application Notes | 1N5246A Data Sheet | 1N5246A component | 1N5246A Fiche Technique | 1N5246A Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |