Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
1N5930A
(2)
1N5930B
(17)
1N5930A - 1.5 Watt ZENER DIODES(3.3V to 200V) - First Components International
Click Here View
1N5930A
Datasheet
Part No.
1N5930A
Description
1.5 Watt ZENER DIODES(3.3V to 200V)
Download
1N5930A
Click here
to View
File Size
113.52 Kbytes / 2 Pages
Maker
FCI [First Components International]
Homepage
http://www.fcisemi-mag.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
1SMA5913BT3_07
1.5
Watt
Plastic
Surface
Mount
Zener
Voltage
Regulators
ON Semiconductor
1N4728
1
Watt
ZENER
DIODES
3.3V
to
100V
First Components International
BZG03C15_05
600
Watt
Peak
Power
Zener
Surge
Rated
Voltage
Regulators
ON Semiconductor
1N5348BE
5
Watt
Zener
Diode
11
to
200
Volts
Micro Commercial Components
1N4954US
VOIDLESS-HERMETICALLY-SEALED
Surface
Mount
5
WATT
GLASS
ZENER
Microsemi Corporation
1N5221
1/2
Watt
ZENER
DIODES
First Components International
3SMAJ5913B
3.0
Watt
Surface
Mount
Silicon
Zener
Diodes
Micro Commercial Components
1N5230
1/2
Watt
ZENER
DIODES
First Components International
MMBZ15VDLT1_05
40
Watt
Peak
Power
Zener
Transient
Voltage
Suppressors
ON Semiconductor
1N5333
5
Watt
ZENER
DIODES
First Components International
Link URL :
Related keyword
1N5930A Datasheet
1N5930A Cross Reference
1N5930A Schematic
1N5930A Distributor
1N5930A Datenblatt
1N5930A RoHS
1N5930A Equivalent
1N5930A Application Notes
1N5930A Data Sheet
1N5930A components
1N5930A Fiche Technique
1N5930A Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer