Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5091 Datasheet (PDF) - Maxim Integrated Products

MAX5091 Datasheet PDF - Maxim Integrated Products
Part # MAX5091
Download  MAX5091 Download

File Size   286.7 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28V, 100mA, Low-Quiescent-Current LDO with Reset and Power-Fail Input/Output

MAX5091 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5091 Datasheet PDF - Maxim Integrated Products

Part # MAX5091
Download  MAX5091 Click to download

File Size   286.7 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28V, 100mA, Low-Quiescent-Current LDO with Reset and Power-Fail Input/Output

MAX5091 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX5091 Datasheet HTML 1Page - Maxim Integrated Products MAX5091 Datasheet HTML 2Page - Maxim Integrated Products MAX5091 Datasheet HTML 3Page - Maxim Integrated Products MAX5091 Datasheet HTML 4Page - Maxim Integrated Products MAX5091 Datasheet HTML 5Page - Maxim Integrated Products MAX5091 Datasheet HTML 6Page - Maxim Integrated Products MAX5091 Datasheet HTML 7Page - Maxim Integrated Products MAX5091 Datasheet HTML 8Page - Maxim Integrated Products MAX5091 Datasheet HTML 9Page - Maxim Integrated Products MAX5091 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX5091 Product details

General Description
The MAX5091 high-voltage linear regulator is designed to operate from a +5V to +28V input voltage, and withstands up to 40V transients. The device consumes only 45μA of quiescent current at 100μA output current. The MAX5091 delivers up to 100mA of output current with low 50mV maximum dropout voltage.

Features
● +5V to +28V Wide Operating Input Voltage Range
● Withstands 40V Input Voltage Transients
● Guaranteed 100mA Output Current
● 45μA Typical Quiescent Current at 100μA Output Current
● Preset +5V (MAX5091A) or +3.3V (MAX5091B) Output Voltage
● Stable with Only 10μF Output Capacitance
● RESET Output with Adjustable Timeout Period
● Uncommitted Comparator for Voltage Monitoring/Power-Fail Indication
● Output Overload and Short-Circuit Protection
● Thermal Shutdown
● Available in 8-Pin TDFN (1.95W at TA = +70°C) and 8-Pin SO (1.5W at TA = +70°C)
● Operates Over -40°C to +125°C Automotive Temperature Range




Similar Part No. - MAX5091

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX509-MAX510 MAXIM-MAX509-MAX510 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX5090 MAXIM-MAX5090 Datasheet
116Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A/B/C MAXIM-MAX5090A/B/C Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results


Similar Description - MAX5091

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
Texas Instruments
LM9076Q TI1-LM9076Q Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076Q TI-LM9076Q_15 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
LM9076BMA-3.3 TI-LM9076BMA-3.3 Datasheet
1Mb / 20P
[Old version datasheet]   LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
SHANGHAI BELLING CO., L...
BL9152 BELLING-BL9152 Datasheet
202Kb / 4P
   40V Input, 500mA Output Current, Low Dropout, Low Quiescent Current LDO
BL9153 BELLING-BL9153 Datasheet
203Kb / 4P
   40V Input, 500mA Output Current, Low Dropout, Low Quiescent Current LDO
logo
National Semiconductor ...
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
logo
Renesas Technology Corp
DA9233 RENESAS-DA9233 Datasheet
999Kb / 50P
   Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
22-Jan-2019
logo
Dialog Semiconductor
DA9233 DIALOG-DA9233 Datasheet
895Kb / 49P
   Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com