Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
1N5268A
(3)
1N5268B
(11)
1N5268C
(1)
1N5268D
(1)
1N5268U
(1)
1N5268B - 1/2 Watt ZENER DIODES - First Components International
Click Here View
1N5268B
Datasheet
Part No.
1N5268B
Description
1/2 Watt ZENER DIODES
Download
1N5268B
Click here
to View
File Size
159.54 Kbytes / 3 Pages
Maker
FCI [First Components International]
Homepage
http://www.fcisemi-mag.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
1N5230
1/2
Watt
ZENER
DIODES
First Components International
3SMAJ5913B
3.0
Watt
Surface
Mount
Silicon
Zener
Diodes
Micro Commercial Components
1N4728A
SILICON
GLASS
PASSIVATED
1.0
WATT
ZENER
DIODES
TRANSYS Electronics Limited
SZ5706
5.0
WATT
6.8
-
270
VOLTS
ZENER
DIODES
Solid States Devices, Inc
1N4728
1
Watt
ZENER
DIODES
3.3V
to
100V
First Components International
PZUXB
Single
Zener
diodes
in
a
SOD323F
package
NXP Semiconductors
GDMBZ5221B
ZENER
DIODES
GTM CORPORATION
SMZ1
Surface
mount
diode
Zener
silicon
diodes
Semikron International
1N5926B_04
GLASS
PASSIVATED
JUNCTION
SILICON
ZENER
DIODES
Pan Jit International Inc.
BZT52-C2V4S_05
SURFACE
MOUNT
SILICON
ZENER
DIODES
Pan Jit International Inc.
Link URL :
Related keyword
1N5268B Datasheet
1N5268B Cross Reference
1N5268B Schematic
1N5268B Distributor
1N5268B Datenblatt
1N5268B RoHS
1N5268B Equivalent
1N5268B Application Notes
1N5268B Data Sheet
1N5268B components
1N5268B Fiche Technique
1N5268B Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer