Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
5KP8.
(100)
5KP80
(5)
5KP85
(52)
5KP85 - 5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS - First Components International
Click Here View
5KP85
Datasheet
Part No.
5KP85
Description
5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
Download
5KP85
Click here
to View
File Size
187.7 Kbytes / 4 Pages
Maker
FCI [First Components International]
Homepage
http://www.fcisemi-mag.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
1.5KE
6.8V
to
400V
GPP
TRANSIENT
VOLTAGE
SUPPRESSORS
First Components International
P6SMB6_07
600
Watt
Peak
Power
Zener
Transient
Voltage
Suppressors
ON Semiconductor
1N5908
1500
Watt
Mosorb
TM
Zener
Transient
Voltage
Suppressors
ON Semiconductor
1.5KE6.8
TRANSZORB
Transient
Voltage
Suppressors
Vishay Siliconix
1N6267A_07
1500
Watt
Mosorb
TM
Zener
Transient
Voltage
Suppressors
ON Semiconductor
1.5SMC6.8AT3_07
1500
Watt
Peak
Power
Zener
Transient
Voltage
Suppressors
Unidirectional*
ON Semiconductor
1N6373_05
1500
Watt
Peak
Power
Mosorb
TM
Zener
Transient
Voltage
Suppressors
ON Semiconductor
1N6267A_05
1500
Watt
Mosorb
Zener
Transient
Voltage
Suppressors
ON Semiconductor
1SMA5_06
400
Watt
Peak
Power
Zener
Transient
Voltage
Suppressors
ON Semiconductor
1SMA10CAT3_06
400
Watt
Peak
Power
Zener
Transient
Voltage
Suppressors
ON Semiconductor
Link URL :
Related keyword
5KP85 Datasheet
5KP85 Cross Reference
5KP85 Schematic
5KP85 Distributor
5KP85 Datenblatt
5KP85 RoHS
5KP85 Equivalent
5KP85 Application Notes
5KP85 Data Sheet
5KP85 components
5KP85 Fiche Technique
5KP85 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer