Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
5KP85A
(19)
5KP85C
(17)
5KP85A - 5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS - First Components International
Click Here View
5KP85A
Datasheet
Part No.
5KP85A
Description
5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
Download
5KP85A
Click here
to View
File Size
187.7 Kbytes / 4 Pages
Maker
FCI [First Components International]
Homepage
http://www.fcisemi-mag.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
1.5KE
6.8V
to
400V
GPP
TRANSIENT
VOLTAGE
SUPPRESSORS
First Components International
P6SMB6_07
600
Watt
Peak
Power
Zener
Transient
Voltage
Suppressors
ON Semiconductor
1N5908
1500
Watt
Mosorb
TM
Zener
Transient
Voltage
Suppressors
ON Semiconductor
1.5KE6.8
TRANSZORB
Transient
Voltage
Suppressors
Vishay Siliconix
1N6267A_07
1500
Watt
Mosorb
TM
Zener
Transient
Voltage
Suppressors
ON Semiconductor
1.5SMC6.8AT3_07
1500
Watt
Peak
Power
Zener
Transient
Voltage
Suppressors
Unidirectional*
ON Semiconductor
1N6373_05
1500
Watt
Peak
Power
Mosorb
TM
Zener
Transient
Voltage
Suppressors
ON Semiconductor
1N6267A_05
1500
Watt
Mosorb
Zener
Transient
Voltage
Suppressors
ON Semiconductor
1SMA5_06
400
Watt
Peak
Power
Zener
Transient
Voltage
Suppressors
ON Semiconductor
1SMA10CAT3_06
400
Watt
Peak
Power
Zener
Transient
Voltage
Suppressors
ON Semiconductor
Link URL :
Related keyword
5KP85A Datasheet
5KP85A Cross Reference
5KP85A Schematic
5KP85A Distributor
5KP85A Datenblatt
5KP85A RoHS
5KP85A Equivalent
5KP85A Application Notes
5KP85A Data Sheet
5KP85A components
5KP85A Fiche Technique
5KP85A Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer