Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9340W-CXX0G Datasheet (PDF) - Optoway Technology Inc

SPS-9340W-CXX0G Datasheet PDF - Optoway Technology Inc
Part # SPS-9340W-CXX0G
Download  SPS-9340W-CXX0G Download

File Size   151.21 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / CWDM / 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER

SPS-9340W-CXX0G Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-9340W-CXX0G Datasheet PDF - Optoway Technology Inc

Part # SPS-9340W-CXX0G
Download  SPS-9340W-CXX0G Click to download

File Size   151.21 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / CWDM / 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER

SPS-9340W-CXX0G Datasheet (HTML) - Optoway Technology Inc

SPS-9340W-CXX0G Datasheet HTML 1Page - Optoway Technology Inc SPS-9340W-CXX0G Datasheet HTML 2Page - Optoway Technology Inc SPS-9340W-CXX0G Datasheet HTML 3Page - Optoway Technology Inc SPS-9340W-CXX0G Datasheet HTML 4Page - Optoway Technology Inc

SPS-9340W-CXX0G Product details

DESCRIPTION
The SPS-9340W-CXX0G series single mode transceivers is small form factor pluggable module for bi-directional serial optical data communications such as SONET OC-48 / SDH STM-16, Gigabit Ethernet 1000BASE and Fibre Channel 1X/2X SM-LC-L FC-PI. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I2C. This module is designed for single mode fiber and operates at a nominal wavelength of CWDM wavelength. There are eighteen center wavelengths available from 1270 nm to 1610 nm, with each step 20 nm.

FEATURES
● Hot-Pluggable SFP Footprint LC Optical Transceiver
● Small Form-Factor Pluggable (SFP) MSA compatible
● Compliant with SONET OC-48 / SDH STM-16
● Compliant with Fibre Channel 1X/2X SM-LC-L FC-PI
● Compliant with IEEE 802.3z 1000BASE
● SFF-8472 Digital Diagnostic Function
● 18 Wavelength (λ): 1270 nm to 1610 nm CWDM DFB LD Transmitter
● Multi-rate Operation for 2.488/2.125/1.25/1.063 Gb/s
● 18 dB Power Budget at Least
● AC/AC Coupling according to MSA
● Single +3.3 V Power Supply
● RoHS Compliant
● 0 to 70oC Operation: SPS-9340W-CXX0G
● -5 to 85oC Operation: SPS-9340BW-CXX0G
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● ATM Switches and Routers
● SONET / SDH Switch Infrastructure
● XDSL Applications
● Metro Edge Switching




Similar Part No. - SPS-9340W-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9340W-CXX0G OPTOWAY-SPS-9340W-CXX0G Datasheet
152Kb / 5P
   3.3V / CWDM/ 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340W-CXX0G OPTOWAY-SPS-9340W-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM/ 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340W-CXX0G OPTOWAY-SPS-9340W-CXX0G_15 Datasheet
152Kb / 5P
   2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340W-CXX0G_2015 OPTOWAY-SPS-9340W-CXX0G_2015 Datasheet
152Kb / 5P
   2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Similar Description - SPS-9340W-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9340W-CXX0G OPTOWAY-SPS-9340W-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM/ 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100W-CXX0G OPTOWAY-SPS-93100W-CXX0G_08 Datasheet
154Kb / 5P
   3.3V / CWDM/ 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380W-CXX0G OPTOWAY-SPS-9380W-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100W-CXX0G OPTOWAY-SPS-93100W-CXX0G Datasheet
154Kb / 4P
   3.3V / CWDM / 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380W-CXX0G OPTOWAY-SPS-9380W-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM/ 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120W-CXX0G OPTOWAY-SPS-93120W-CXX0G_08 Datasheet
154Kb / 5P
   3.3V / CWDM/ 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120W-CXX0G OPTOWAY-SPS-93120W-CXX0G Datasheet
154Kb / 4P
   3.3V / CWDM / 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2310AW-CXX0G OPTOWAY-SPS-2310AW-CXX0G Datasheet
271Kb / 6P
   3.3V / CWDM / 10.3 Gbps / Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380W-CXX0G OPTOWAY-SPS-8380W-CXX0G Datasheet
148Kb / 4P
   3.3V / CWDM / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-73120W-CXX0G OPTOWAY-SPS-73120W-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / 1.25 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com