Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1282 Datasheet (PDF) - NTE Electronics

NTE1282 Datasheet PDF - NTE Electronics
Part # NTE1282
Download  NTE1282 Download

File Size   79.59 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Module Hybrid, Audio Power Amplifier, 35W

NTE1282 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1282 Datasheet PDF - NTE Electronics

Part # NTE1282
Download  NTE1282 Click to download

File Size   79.59 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Module Hybrid, Audio Power Amplifier, 35W

NTE1282 Datasheet (HTML) - NTE Electronics

NTE1282 Datasheet HTML 1Page - NTE Electronics NTE1282 Datasheet HTML 2Page - NTE Electronics

NTE1282 Product details

Features:

• 2 Power Supplied Required

• Darlington Type

• Quasi−Complementary Output



 




Similar Part No. - NTE1282

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE128 NTE-NTE128 Datasheet
27Kb / 3P
   Silicon Complementary Transistors Audio Output, Video, Driver
NTE1281 NTE-NTE1281 Datasheet
78Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amplifier, 50W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1286 NTE-NTE1286 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1288 NTE-NTE1288 Datasheet
75Kb / 2P
   Integrated Circuit Audio Power Amplifier, 10W for Car Radio
More results


Similar Description - NTE1282

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1281 NTE-NTE1281 Datasheet
78Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amplifier, 50W
NTE1027 NTE-NTE1027 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
NTE1024 NTE-NTE1024 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
NTE1315 NTE-NTE1315 Datasheet
79Kb / 2P
   Integrated Circuit Module − 2 Power, 2 Channel AF Power Amplifier, 35W Min
NTE1328 NTE-NTE1328 Datasheet
82Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp50W 2 Power Supplies Required
NTE1329 NTE-NTE1329 Datasheet
82Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp 20 Watt, 2 Power Supplies Required
NTE1337 NTE-NTE1337 Datasheet
83Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp 70 Watt, 2 Power Supplies Required
NTE1028 NTE-NTE1028 Datasheet
73Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp 20W
NTE1340 NTE-NTE1340 Datasheet
56Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amplifier, 24W 2 Power Supplies Required
NTE1083 NTE-NTE1083 Datasheet
82Kb / 1P
   Integrated Circuit Hybrid, Dual High Gain Pre−Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com