Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP12N50 Datasheet (PDF) - Fairchild Semiconductor

FDP12N50 Datasheet PDF - Fairchild Semiconductor
Part # FDP12N50
Download  FDP12N50 Download

File Size   381.34 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel MOSFET 500V, 11.5A, 0.65廓

FDP12N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDP12N50 Datasheet PDF - Fairchild Semiconductor

Part # FDP12N50
Download  FDP12N50 Click to download

File Size   381.34 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel MOSFET 500V, 11.5A, 0.65廓

FDP12N50 Datasheet (HTML) - Fairchild Semiconductor

FDP12N50 Datasheet HTML 1Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 2Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 3Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 4Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 5Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 6Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 7Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 8Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 9Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 10Page - Fairchild Semiconductor

FDP12N50 Product details

Description
UniFETTM MOSFET is Fairchild Semiconductor’s high voltage MOSFET family based on planar stripe and DMOS technology. This MOSFET is tailored to reduce on-state resistance, and to provide better switching performance and higher avalanche energy strength. This device family is suitable for switching power converter applications such as power factor correction (PFC), flat panel display (FPD) TV power, ATX and electronic lamp ballasts.

Features
• RDS(on) = 550 mΩ (Typ.) @ VGS = 10 V, ID = 6 A
• Low Gate Charge (Typ. 22 nC)
• Low Crss (Typ. 11 pF)
• 100% Avalanche Tested
• RoHS Compliant

Applications
• LCD/LED/PDP TV
• Lighting
• Uninterruptible Power Supply




Similar Part No. - FDP12N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP12N50 ISC-FDP12N50 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.7廓
FDP12N50NZ FAIRCHILD-FDP12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFET II MOSFET?
FDP12N50NZ FAIRCHILD-FDP12N50NZ Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDP12N50NZ ISC-FDP12N50NZ Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FDP12N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP12N50 FAIRCHILD-FDP12N50_12 Datasheet
538Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDB12N50TM FAIRCHILD-FDB12N50TM Datasheet
366Kb / 9P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
logo
MagnaChip Semiconductor...
MDP12N50B MGCHIP-MDP12N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
logo
Fairchild Semiconductor
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.7廓
FDB12N50F FAIRCHILD-FDB12N50F_12 Datasheet
377Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDB12N50F FAIRCHILD-FDB12N50F Datasheet
597Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
logo
MagnaChip Semiconductor...
MDP12N50F MGCHIP-MDP12N50F Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.75ohm
MDF12N50 MGCHIP-MDF12N50 Datasheet
779Kb / 8P
   N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
MDP12N50 MGCHIP-MDP12N50 Datasheet
772Kb / 6P
   N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
logo
Alpha & Omega Semicondu...
AOD468 AOSMD-AOD468 Datasheet
312Kb / 6P
   300V,11.5A N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com