Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD1700 Datasheet (PDF) - Winbond

ISD1700 Datasheet PDF - Winbond
Part # ISD1700
Download  ISD1700 Download

File Size   356.32 Kbytes
Page   24 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description Multi-Message Single-Chip Voice Record & Playback Devices

ISD1700 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISD1700 Datasheet PDF - Winbond

Part # ISD1700
Download  ISD1700 Click to download

File Size   356.32 Kbytes
Page   24 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description Multi-Message Single-Chip Voice Record & Playback Devices

ISD1700 Datasheet (HTML) - Winbond

Back Button ISD1700 Datasheet HTML 1Page - Winbond ISD1700 Datasheet HTML 2Page - Winbond ISD1700 Datasheet HTML 3Page - Winbond ISD1700 Datasheet HTML 4Page - Winbond ISD1700 Datasheet HTML 5Page - Winbond ISD1700 Datasheet HTML 6Page - Winbond ISD1700 Datasheet HTML 7Page - Winbond ISD1700 Datasheet HTML 8Page - Winbond ISD1700 Datasheet HTML 9Page - Winbond ISD1700 Datasheet HTML 10Page - Winbond Next Button 

ISD1700 Product details

GENERAL DESCRIPTION

The Winbond® ISD1700 ChipCorder® Series is a high quality, fully integrated, single-chip multi

message voice record and playback device ideally suited to a variety of electronic systems. The

message duration is user selectable in ranges from 26 seconds to 120 seconds, depending on the

specific device.



FEATURES

Integrated message management systems for single-chip, push-button applications 

  o  REC:level-trigger for recording

  o  PLAY:edge-trigger for individual message or level-trigger for looping playback sequentially

  o  ERASE:edge-triggered erase for first or last message or level-triggered erase for all messages

  o  FWD:edge-trigger to advance to the next message or fast message scan during the playback

  o  VOL: 8 levels output volume control

  o  INT RDY : ready or busy status indication

  o  RESET: return to the default state

  o Automatic power-down after each operation cycle 

Message and operation indicators

  o Four customizable Sound Effects (SEs) for audible indication

  o Optional vAlert (voiceAlert) to indicate the presence of new messages

  o LED: stay on during recording, blink during playback, forward and erase operations 

Dual operating modes

  o  Standalone mode:

     ƒIntegrated message management techniques

     Automatic power-down after each operation cycle

  o  SPI mode:

    Fully user selectable and controllable options via APC register and various SPI commands

Two individual input channels

  o MIC+/MIC-: differential microphone inputs with AGC (Automatic Gain Control) 

  o AnaIn: single-ended auxiliary analog input for recording or feed-through

Dual output channels

  o Differential PWM Class D speaker outputs directly drives an 8 Ωspeaker or a typical buzzer

  o Configurable AUD (current) or AUX (voltage) single-ended output drives external audio amplifier

ChipCorder standard features

  o High-quality, natural voice and audio reproduction

  o 2.4V to 5.5V operating voltage

  o 100-year message retention (typical)

  o 100,000 record cycles (typical)

Temperature options:

  o Commercial: 0°C to +50°C (die); 0°C to +70°C (packaged units)

  o Industrial: -40°C to +85°C (packaged units)

Packaging types: available in die, PDIP, SOIC and TSOP

Package option: Lead-free packaged units




Similar Part No. - ISD1700

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
More results


Similar Description - ISD1700

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com