Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1067 Datasheet (PDF) - Maxim Integrated Products

MAX1067 Datasheet PDF - Maxim Integrated Products
Part # MAX1067
Download  MAX1067 Download

File Size   431.54 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters

MAX1067 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1067 Datasheet PDF - Maxim Integrated Products

Part # MAX1067
Download  MAX1067 Click to download

File Size   431.54 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters

MAX1067 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX1067 Datasheet HTML 1Page - Maxim Integrated Products MAX1067 Datasheet HTML 2Page - Maxim Integrated Products MAX1067 Datasheet HTML 3Page - Maxim Integrated Products MAX1067 Datasheet HTML 4Page - Maxim Integrated Products MAX1067 Datasheet HTML 5Page - Maxim Integrated Products MAX1067 Datasheet HTML 6Page - Maxim Integrated Products MAX1067 Datasheet HTML 7Page - Maxim Integrated Products MAX1067 Datasheet HTML 8Page - Maxim Integrated Products MAX1067 Datasheet HTML 9Page - Maxim Integrated Products MAX1067 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX1067 Product details

General Description
The MAX1067/MAX1068 low-power, multichannel, 14-bit analog-to-digital converters (ADCs) feature a successive-approximation ADC, integrated +4.096V reference, a reference buffer, an internal oscillator, automatic power-down, and a high-speed SPI™/QSPI™/MICROWIRE™-compatible interface. The MAX1067/MAX1068 operate with a single +5V analog supply and feature a separate digital supply, allowing direct interfacing with +2.7V to +5.5V digital logic.

Features
♦ 14-Bit Resolution, ±0.5 LSB INL and ±1 LSB DNL (max)
♦ +5V Single-Supply Operation
♦ Adjustable Logic Level (+2.7V to +5.25V)
♦ Input Voltage Range: 0 to VREF
♦ Internal (+4.096V) or External (+3.8V to AVDD) Reference
♦ Internal Track/Hold, 4MHz Input Bandwidth
♦ Internal or External Clock
♦ SPI/QSPI/MICROWIRE-Compatible Serial
   Interface, MAX1068 Performs DSP-Initiated
   Conversions
♦ 8-Bit-Wide or 16-Bit-Wide Data-Transfer Mode (MAX1068 Only)
♦ 4-Channel (MAX1067) or 8-Channel (MAX1068) Input Mux
   Scan Mode Sequentially Converts Multiple
   Channels or One Channel Continuously
♦ Low Power
   3.6mA at 200ksps
   1.85mA at 100ksps
   185µA at 10ksps
   0.6µA in Full Power-Down Mode
♦ Small Package Size
   16-Pin QSOP (MAX1067)
   24-Pin QSOP (MAX1068)
  
Applications
   Motor Control
   Industrial Process Control
   Industrial I/O Modules
   Data-Acquisition Systems
   Thermocouple Measurements
   Accelerometer Measurements




Similar Part No. - MAX1067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
   짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX106 MAXIM-MAX106 Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1060 MAXIM-MAX1060 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060ACEI MAXIM-MAX1060ACEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060AEEI MAXIM-MAX1060AEEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results


Similar Description - MAX1067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1167-MAX1168 MAXIM-MAX1167-MAX1168 Datasheet
462Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 0; 8/03
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167 MAXIM-MAX1167_09 Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
Analog Devices
ADC1130 AD-ADC1130_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
ADC1131 AD-ADC1131_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
logo
Intronics Power, Inc.
ADC1130 INTRONICS-ADC1130 Datasheet
912Kb / 4P
   14-Bit High Speed Analog to Digital Converters
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com