Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV32N Datasheet (PDF) - NXP Semiconductors

74LV32N Datasheet PDF - NXP Semiconductors
Part # 74LV32N
Download  74LV32N Download

File Size   95.45 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad 2-input OR gate

74LV32N Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV32N Datasheet PDF - NXP Semiconductors

Part # 74LV32N
Download  74LV32N Click to download

File Size   95.45 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad 2-input OR gate

74LV32N Datasheet (HTML) - NXP Semiconductors

Back Button 74LV32N Datasheet HTML 1Page - NXP Semiconductors 74LV32N Datasheet HTML 2Page - NXP Semiconductors 74LV32N Datasheet HTML 3Page - NXP Semiconductors 74LV32N Datasheet HTML 4Page - NXP Semiconductors 74LV32N Datasheet HTML 5Page - NXP Semiconductors 74LV32N Datasheet HTML 6Page - NXP Semiconductors 74LV32N Datasheet HTML 7Page - NXP Semiconductors 74LV32N Datasheet HTML 8Page - NXP Semiconductors 74LV32N Datasheet HTML 9Page - NXP Semiconductors 74LV32N Datasheet HTML 10Page - NXP Semiconductors Next Button 

74LV32N Product details

General description

The 74LV32 is a low-voltage Si-gate CMOS device that is pin and function compatible with 74HC32 and 74HCT32.

The 74LV32 provides a quad 2-input OR function.



Features

■ Wide operating voltage: 1.0 V to 5.5 V

■ Optimized for low voltage applications: 1.0 V to 3.6 V

■ Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V

■ Typical output ground bounce < 0.8 V at VCC = 3.3 V and Tamb = 25 °C

■ Typical HIGH-level output voltage (VOH) undershoot: > 2 V at VCC = 3.3 V and Tamb = 25 °C

■ ESD protection:

   ◆ HBM JESD22-A114E exceeds 2000 V

   ◆ MM JESD22-A115-A exceeds 200 V

■ Multiple package options

■ Specified from −40 °C to +85 °C and from −40 °C to +125 °C



 




Similar Part No. - 74LV32N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV32N PHILIPS-74LV32N Datasheet
104Kb / 10P
   Quad 2-input OR gate
1998 Apr 20
More results


Similar Description - 74LV32N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com