Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7726 Datasheet (PDF) - Hamamatsu Corporation

L7726 Datasheet PDF - Hamamatsu Corporation
Part # L7726_06
Download  L7726 Download

File Size   61.23 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Red LED for optical link Emitter for 156 Mbps POF communications

L7726 Datasheet (PDF)

Go To PDF Page Download Datasheet
L7726 Datasheet PDF - Hamamatsu Corporation

Part # L7726_06
Download  L7726 Click to download

File Size   61.23 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Red LED for optical link Emitter for 156 Mbps POF communications

L7726 Datasheet (HTML) - Hamamatsu Corporation

L7726_06 Datasheet HTML 1Page - Hamamatsu Corporation L7726_06 Datasheet HTML 2Page - Hamamatsu Corporation



Similar Part No. - L7726_06

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7726 HAMAMATSU-L7726 Datasheet
153Kb / 2P
   Emitter/receiver for 156 Mbps POF communications
More results


Similar Description - L7726_06

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7727 HAMAMATSU-S7727 Datasheet
67Kb / 2P
   Photo IC for optical link Receiver for 156 Mbps POF communications
L7726 HAMAMATSU-L7726 Datasheet
153Kb / 2P
   Emitter/receiver for 156 Mbps POF communications
L9534 HAMAMATSU-L9534 Datasheet
102Kb / 2P
   Red LED for optical link Red LED for 125 Mbps optical link
L8045 HAMAMATSU-L8045 Datasheet
101Kb / 2P
   Red LED for optical link
L10881 HAMAMATSU-L10881_15 Datasheet
184Kb / 3P
   Red LED for optical link
L10063-01 HAMAMATSU-L10063-01 Datasheet
121Kb / 2P
   Transmitter/Receiver photo IC for optical link For MOST automotive network, 50 Mbps band POF communications
L8045 HAMAMATSU-L8045_15 Datasheet
99Kb / 2P
   Red LED for optical link
L7140-10 HAMAMATSU-L7140-10 Datasheet
268Kb / 2P
   Red LED/Photo IC for optical link
L9907 HAMAMATSU-L9907 Datasheet
50Kb / 2P
   Red LED AlGaInP resonant cavity LED for POF data communication
S7141-10 HAMAMATSU-S7141-10 Datasheet
71Kb / 2P
   Photo IC for optical link
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com