Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQC-4 Datasheet (PDF) - DB Lectro Inc

JQC-4 Datasheet PDF - DB Lectro Inc
Part # JQC-4_07
Download  JQC-4 Download

File Size   559.93 Kbytes
Page   3 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Small size, heavy contact load, capable of standing strong current of 40A at 14VDC

JQC-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
JQC-4 Datasheet PDF - DB Lectro Inc

Part # JQC-4_07
Download  JQC-4 Click to download

File Size   559.93 Kbytes
Page   3 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Small size, heavy contact load, capable of standing strong current of 40A at 14VDC

JQC-4 Datasheet (HTML) - DB Lectro Inc

JQC-4_07 Datasheet HTML 1Page - DB Lectro Inc JQC-4_07 Datasheet HTML 2Page - DB Lectro Inc JQC-4_07 Datasheet HTML 3Page - DB Lectro Inc



Similar Part No. - JQC-4_07

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQC-4120 DBLECTRO-JQC-4120 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
JQC-4120AO15DC6V1.6 DBLECTRO-JQC-4120AO15DC6V1.6 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
JQC-4120AO15DC6V1.9 DBLECTRO-JQC-4120AO15DC6V1.9 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
JQC-4120AO15DC9V1.6 DBLECTRO-JQC-4120AO15DC9V1.6 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
JQC-4120AO15DC9V1.9 DBLECTRO-JQC-4120AO15DC9V1.9 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
More results


Similar Description - JQC-4_07

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQC-4 DBLECTRO-JQC-4 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
logo
HuaXinAn Electronics CO...
4120A HUAXINAN-4120A Datasheet
900Kb / 1P
   Small size, heavy contact load, capable of standing strong current of 45A at 14VDC.
4120C HUAXINAN-4120C Datasheet
900Kb / 1P
   Small size, heavy contact load, capable of standing strong current of 45A at 14VDC.
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
MAX17250EVKIT MAXIM-MAX17250EVKIT Datasheet
457Kb / 8P
   Electronic load capable of 2A
Rev 0; 8/18
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS_05 Datasheet
303Kb / 2P
   Small size and light weight. Heavy contact load (30A).
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
   Small size and light weight. Heavy contact load (30A)
logo
HuaXinAn Electronics CO...
NT90-B HUAXINAN-NT90-B Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
NT90-A HUAXINAN-NT90-A Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
logo
Advanced Power Electron...
AP2611GYT-HF A-POWER-AP2611GYT-HF Datasheet
56Kb / 4P
   Capable of 2.5V Gate Drive, Small Size & Lower Profile
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com