Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1815 Datasheet (PDF) - Toshiba Semiconductor

2SC1815 Datasheet PDF - Toshiba Semiconductor
Part # 2SC1815_07
Download  2SC1815 Download

File Size   602.02 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon NPN Epitaxial Type (PCT process)

2SC1815 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1815 Datasheet PDF - Toshiba Semiconductor

Part # 2SC1815_07
Download  2SC1815 Click to download

File Size   602.02 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon NPN Epitaxial Type (PCT process)

2SC1815 Datasheet (HTML) - Toshiba Semiconductor

2SC1815_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SC1815_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SC1815_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SC1815_07 Datasheet HTML 4Page - Toshiba Semiconductor

2SC1815 Product details

Audio Frequency General Purpose Amplifier Applications
Driver Stage Amplifier Applications

• High voltage and high current:
   VCEO = 50 V (min),
   IC = 150 mA (max)
• Excellent hFE linearity: hFE (2) = 100 (typ.)
   at VCE = 6 V, IC = 150 mA
   : hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
• Low noise: NF = 1dB (typ.) at f = 1 kHz
• Complementary to 2SA1015 (O, Y, GR class)




Similar Part No. - 2SC1815_07

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC1815 UTC-2SC1815_05 Datasheet
165Kb / 4P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
More results


Similar Description - 2SC1815_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4988 TOSHIBA-RN4988 Datasheet
217Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4989 TOSHIBA-RN4989 Datasheet
216Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606_07 Datasheet
250Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606 Datasheet
159Kb / 4P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4908 TOSHIBA-RN4908 Datasheet
155Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4985 TOSHIBA-RN4985 Datasheet
152Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4909 TOSHIBA-RN4909 Datasheet
155Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4604 TOSHIBA-RN4604_07 Datasheet
251Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4986 TOSHIBA-RN4986 Datasheet
150Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4987 TOSHIBA-RN4987 Datasheet
153Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4904 TOSHIBA-RN4904 Datasheet
152Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com