![]() Datasheet Search System ![]() Mirror site : alldatasheet.com alldatasheet.co.kr cn.alldatasheet.com alldatasheet.jp Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
KL2C221LS - CHIP TYPE, 5000 HOURS LOAD LIFE - DB Lectro Inc |
|
Click KL2C221LS to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| RCN02 | Resistors Chip type attenuator | Rohm |
| GM4BW53340A | 0.5 mm Thick Thin Type 1.8 cd White Side View Chip LED | Sharp Electrionic Components |
| RCWPM_07 | Thick Film Chip Resistors Military/Established Reliability MIL-PRF-55342 Qualified Type RM | Vishay Siliconix |
| LC66PG5XX | EPROM-Mountable Type 4-bit Microcomputer Evaluation Chip for The LC665XX Series Microcomputers | Sanyo Semicon Device |
| LT1560W | Full Color Dot Matrix LED Unit for Indoor Use Chip Type | Sharp Electrionic Components |
| FTR-LY | POWER RELAY 1 POLE - 6A Medium Load Control SLIM TYPE | Fujitsu Media Devices Limited |
| OVSTRGBLC6 | Full-Color Top-View Chip LED 3.5 x 3.0 x 1.55 lens type | OPTEK Technologies |
| PCK940L | Low voltage 1 : 18 clock distribution chip | NXP Semiconductors |
| BC01B | Single Chip Bluetooth Device | ETC |
Link URL |
|
|
Related keyword |
| KL2C221LS Datasheet | KL2C221LS Cross Reference | KL2C221LS Schematic | KL2C221LS Distributor | KL2C221LS Datenblatt | KL2C221LS RoHS |
| KL2C221LS Equivalent | KL2C221LS Application Notes | KL2C221LS Data Sheet | KL2C221LS component | KL2C221LS Fiche Technique | KL2C221LS Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |