Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP747G Datasheet (PDF) - Toshiba Semiconductor

TLP747G Datasheet PDF - Toshiba Semiconductor
Part # TLP747G
Download  TLP747G Download

File Size   172.43 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description GaAs Ired & Photo−Thyristor

TLP747G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP747G Datasheet PDF - Toshiba Semiconductor

Part # TLP747G
Download  TLP747G Click to download

File Size   172.43 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description GaAs Ired & Photo−Thyristor

TLP747G Datasheet (HTML) - Toshiba Semiconductor

TLP747G Datasheet HTML 1Page - Toshiba Semiconductor TLP747G Datasheet HTML 2Page - Toshiba Semiconductor TLP747G Datasheet HTML 3Page - Toshiba Semiconductor TLP747G Datasheet HTML 4Page - Toshiba Semiconductor TLP747G Datasheet HTML 5Page - Toshiba Semiconductor TLP747G Datasheet HTML 6Page - Toshiba Semiconductor

TLP747G Product details

Office Machine
Household Use Equipment
Solid State Relay
Switching Power Supply

The TOSHIBA TLP747G consists of a photo−thyristor optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP.

• Peak off−state voltage: 400 V (min.)
• Trigger LED current: 15 mA (max.)
• On−state current: 150 mA (max.)
• UL recognized: UL1577, file No. E67349
• BSI approved: BS EN60065: 2002
                          Certificate No. 7364
                          BS EN60950-1: 2002
                          Certificate No. 7365
• SEMCO approved:EN60065,EN60950-1,EN60335-1
                           Certificate no.302586
• Isolation voltage: 4000 Vrms (min.)
• Option (D4) type
   VDE approved: DIN EN 60747-5-2,
                            Certificate No. 40009373
   Maximum operating insulation voltage: 630, 890 VPK
   Highest permissible over voltage: 6000, 8000 VPK
   (Note) When a EN 60747-5-2 approved type is needed, please designate the “option (D4)”

                                     7.62mm pich    10.16mm pich
                                      standard type  TLP×××F type
• Creepage distance :   7.0mm (min.)    8.0mm (min.)
   Clearance :                7.0mm (min.)    8.0mm (min.)
   Insulation thickness : 0.5mm (min.)    0.5mm (min.)




Similar Part No. - TLP747G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP747GF TOSHIBA-TLP747GF Datasheet
105Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF Datasheet
137Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
   GaAs Ired & Photo−Thyristor
More results


Similar Description - TLP747G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP747JF TOSHIBA-TLP747JF_07 Datasheet
127Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF Datasheet
105Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
   GaAs Ired & Photo−Triac
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
   GaAs Ired & Photo−Transistor
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
   GaAs Ired & Photo−Triac
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com