Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3K106TU Datasheet (PDF) - Toshiba Semiconductor

SSM3K106TU Datasheet PDF - Toshiba Semiconductor
Part # SSM3K106TU
Download  SSM3K106TU Download

File Size   138.5 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel MOS Type High-Speed Switching Applications

SSM3K106TU Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM3K106TU Datasheet PDF - Toshiba Semiconductor

Part # SSM3K106TU
Download  SSM3K106TU Click to download

File Size   138.5 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel MOS Type High-Speed Switching Applications

SSM3K106TU Datasheet (HTML) - Toshiba Semiconductor

SSM3K106TU Datasheet HTML 1Page - Toshiba Semiconductor SSM3K106TU Datasheet HTML 2Page - Toshiba Semiconductor SSM3K106TU Datasheet HTML 3Page - Toshiba Semiconductor SSM3K106TU Datasheet HTML 4Page - Toshiba Semiconductor SSM3K106TU Datasheet HTML 5Page - Toshiba Semiconductor SSM3K106TU Datasheet HTML 6Page - Toshiba Semiconductor

SSM3K106TU Product details

High-Speed Switching Applications
​​​​​​​
• 4 V drive
• Low ON-resistance: Ron = 530 mΩ (max) (@VGS = 4 V)
                                   Ron = 310 mΩ (max) (@VGS = 10 V)




Similar Part No. - SSM3K106TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K106TU TOSHIBA-SSM3K106TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
SSM3K106TU TOSHIBA-SSM3K106TU_14 Datasheet
186Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results


Similar Description - SSM3K106TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU_07 Datasheet
156Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
2SK982 TOSHIBA-2SK982_07 Datasheet
519Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
HN1K03FU TOSHIBA-HN1K03FU_07 Datasheet
292Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K16FV TOSHIBA-SSM3K16FV Datasheet
129Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K116TU TOSHIBA-SSM3K116TU Datasheet
142Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
HN1K06FU TOSHIBA-HN1K06FU_07 Datasheet
157Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K105TU TOSHIBA-SSM3K105TU Datasheet
471Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
2SK1062 TOSHIBA-2SK1062_07 Datasheet
586Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K15FS TOSHIBA-SSM3K15FS_07 Datasheet
166Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K16TE TOSHIBA-SSM3K16TE_07 Datasheet
147Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K101TU TOSHIBA-SSM3K101TU Datasheet
145Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com